Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 63Page - Microsemi Corporation VSC8221 Datasheet HTML 64Page - Microsemi Corporation VSC8221 Datasheet HTML 65Page - Microsemi Corporation VSC8221 Datasheet HTML 66Page - Microsemi Corporation VSC8221 Datasheet HTML 67Page - Microsemi Corporation VSC8221 Datasheet HTML 68Page - Microsemi Corporation VSC8221 Datasheet HTML 69Page - Microsemi Corporation VSC8221 Datasheet HTML 70Page - Microsemi Corporation VSC8221 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
67 of 106
106
23.2 Mii Register Descriptions
23.2.1 Register 0 (00h) – Mode Control Register
0.15 – Software Reset
Writing a “1” to bit 0.15 initiates a software reset. Once Software Reset is asserted, the PHY is returned to normal operating
mode and is ready for the next SMi transaction, so Software Reset always reads back “0”. Software Reset restores all SMi
registers to their default states, except for registers marked with an “S” or “SS” in the sticky column.
0.14 – Near End Loopback
When Near End Loopback is asserted, the Transmit Data (TXD) on the MAC interface is looped back as Receive Data (RXD). in
loopback mode, no signal is transmitted over the network media. The loopback mechanism works in all (10/100/1000) modes of
operation. The operating mode is determined by bits 0.13 and 0.6 (forced speed selection).
0.13, 0.6 – Forced Speed Selection
These bits determine the 10/100/1000 speed when auto-negotiation is disabled by clearing control bit 0.12. These bits are
ignored if control bit 0.12 is set. These bits also determine the operating mode when Near End Loopback (0.14) is set to “1”.
Register 0 (00h) – Mode Control Register
Bit
Name
Access
States
Reset Value
Sticky
15
Software Reset1
1 in MSA mode, when this bit is set, the PHY does not return the correct values for the subsequent register read operations. in order to read the correct PHY register
values, the station manager must provide 70 clock cycles on the MODDEF1/MDC pin or perform two byte read operations on any eeprom address other than in
page ‘110’ immediately following s/w reset.
R/W SC
1 = Reset asserted
0 = Reset de-asserted
0
14
Near End Loopback
R/W
1 = Loopback on
0 = Loopback off
0
6, 13 Forced Speed Selection
R/W
00 = 10Mbps
01 = 100Mbps
10 = 1000Mbps
11 = Reserved
10
12
Auto-Negotiation Enable
R/W
1 = Auto-negotiation enabled
0 = Auto-negotiation disabled
1
11
Power-Down2
2 The status of the Link Status bit, Mii Register 1.2, remains unchanged when this bit is set.
R/W
1 = Power-down
0 = Power-up
0
10
isolate
R/W
1 = Disable MAC outputs
0 = Normal Operation
0
9
Restart Auto-Negotiation
R/W SC
1 = Restart Mii
0 = Normal operation
0
8
Duplex Mode
R/W
1 = Full duplex
0 = Half duplex
0
7
Reserved
RO
0
6
MSB for Speed Selection
(see bit 13 above)
See “Forced Speed Selection” Above
1
5:0
Reserved
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com