Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 52 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 48Page - Microsemi Corporation VSC8221 Datasheet HTML 49Page - Microsemi Corporation VSC8221 Datasheet HTML 50Page - Microsemi Corporation VSC8221 Datasheet HTML 51Page - Microsemi Corporation VSC8221 Datasheet HTML 52Page - Microsemi Corporation VSC8221 Datasheet HTML 53Page - Microsemi Corporation VSC8221 Datasheet HTML 54Page - Microsemi Corporation VSC8221 Datasheet HTML 55Page - Microsemi Corporation VSC8221 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
52 of 52
52
17.4 Near-End Loopback
When Near-end loopback is set (Mii Register bit 0.14 = 1), the Transmit Data (TDP/TDN) on the MAC interface is looped back
onto the Receive Data (RDP/RDN) pins to the MAC as shown in the figure below. in this mode, the CAT-5 media link is dropped.
Figure 19. Near-end Loopback Block Diagram
17.5 Connector Loopback
Connector Loopback allows for the twisted pair interface to be looped back externally. in this mode the PHY must be connected
to a loopback connector or a loopback cable. For this loopback, pair A should be connected to the corresponding wire of pair B
using a 100
Ω resistor, and each wire of pair C should be connected to the corresponding wire of pair D using a 100Ω resistor.
This loopback will work in all speeds selected for the interface.
Figure 20. Connector Loopback
The auto-negotiation, speed, and duplex can be configured using Mii registers 0,4 and 9. For 1000BT connector loopback only
the following additional writes are required in the specific order.
1. Master/Slave configuration forced to Master (Mii Register Bits 9.12:11 = 11)
2. Enable 1000BT connector loopback (Mii Register 24.0 = 1)
3. Disable pair swap correction (Mii Register Bit 18.5=1)
4. Disable auto-negotiation and force 1000BT link (Mii Register Bit 0.12=0, Mii Register Bit 0.6=1, and Mii Register Bit 0.12=0)
and force either full or half duplex (Mii Register Bit 0.8=0 or 1).
This loopback is also available in the 100BASE-FX mode.
Link Partner
VSC8221
Serial
MAC
RX
TX
RDP/RDN
TDP/TDN
CAT-5 or Fiber
VSC8221
Serial
MAC
RDP/RDN
TDP/TDN
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com