Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 97 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 97 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
97 of 106
106
30.13:12 - MAC Remote Fault
Bits 30.13:12 correspond to the Remote Fault bits sent to the VSC8221 by the MAC during the clause 37 auto-negotiation
process.
30.11 - MAC Asymmetric Pause
Bit 30.11 corresponds to the Asymmetric Pause bit sent to the VSC8221 by the MAC during the clause 37 auto-negotiation
process.
30.10 - MAC Symmetric Pause
Bit 30.10 corresponds to the Symmetric Pause bit sent to the VSC8221 by the MAC during the clause 37 auto-negotiation
process.
30.9 - Clause 37 Restart Auto-Negotiation
When bit 30.9 is set to a “1”, the clause 37 auto-negotiation process is restarted. This bit is self-clearing and always reads back
as “0”.
30.8 - MAC Full Duplex
Bit 30.8 corresponds to the Full Duplex Ability bit sent to the VSC8221 by the MAC during the clause 37 auto-negotiation
process.
30.7 - MAC Half Duplex
Bit 30.7 corresponds to the Half Duplex Ability bit sent to the VSC8221 by the MAC during the clause 37 auto-negotiation
process.
30.6 - Reserved
30.5 - Clause 37 Auto-Negotiation Complete
When bit 30.5 is set to a “1”, the clause 37 auto-negotiation has completed successfully.
30.4 - Reserved
30.3 - Link interlock Fail
Bit 30.3 is set to indicate a failure to complete interlock between Clause-37 auto-negotiation and Clause-28 auto-negotiation.
This bit is valid only in SerDes to CAT5 PHY operating modes.
30.2 - Link interlock Complete
Bit 30.2 is set to indicate a complete interlock between Clause-37 auto-negotiation and Clause-28 auto-negotiation. This bit is
valid only in SerDes to CAT5 PHY operating modes.
30.1:0 - RXLOS Pulse Delay
Bits 30.1:0 specify the RXLOS Pulse Delay. it sets the time the RXLOS/SiGDET signal pin is asserted when the CAT5 Media
Link is dropped. This bit is only valid when the ‘SFP Mode’ bit Extended Mii Register 21E.15 = “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com