Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
100 of 106
106
23.3.5 Register 20E (14h) - Extended PHY Control Register #3
20E.15 Disable Byte Sync
When enabled, the PHY aligns the 10bit data to the boundary of the COMMA character.
20E.14 - Reserved
These bits must always be set to ‘”0”.
20E.13 - Enable LED force
When this bit is set, the LED configuration setting “01” becomes ‘Force off’ and the LED configuration setting “11” becomes
‘Force on’. Refer to Section 23.2.28: "Register 27 (1Bh) – LED Control Register" for details.
20E.12:9 Reserved
Writes to Extended Mii Register 20E must preserve the value of bits 12:9, i.e., all writes to Extended Mii Register 20E must be in
the format xxx1000xxxxxxxxxb.
20E.8 - CLKOUTMiCRO Frequency
The frequency of the CLKOUTMiCRO pin can be changed by using bit 20E.8.
Register 20E (14h) – Extended PHY Control Register #3
Bit
Name
Access
States
Reset
Value
Sticky
15
Disable Byte Sync
R/W
0 = Enable
1 = Disable
0
S
14
Reserved
RO
0
13
Enable Force LED
R/W
1 = Enable LED force
0 = Disable LED force
0
S
12:9
Reserved1
1 Writes to Extended Mii Register 20E must preserve the value of bits 12:9, i.e., all writes to Extended Mii Register 20E must be in the format xxx1000xxxxxxxxxb.
1000
8
CLKOUTMiCRO Frequency
R/W
1 = 125MHz clock output on CLKOUTMiCRO
0 = 4MHz clock output on CLKOUTMiCRO
0
S
7:6
Media Mode Status
RO
00 = No media selected
01 = Copper media selected
10 = Reserved
11 = Reserved
0
5
Serial MAC interface Line imped-
ance
RO
1=75 ohm impedance.
0=50 ohm impedance
CMODE S
4
Enable Link Speed Auto-Downshift
R/W
1 = Enable auto link speed downshift
0 = Disable auto link speed downshift
0
S
3:2
Link Speed Auto-Downshift Control R/W
00 = Downshift after 2 failed attempts
01 = Downshift after 3 failed attempts
10 = Downshift after 4 failed attempts
11 = Downshift after 5 failed attempts
01
S
1
Link Speed Auto-Downshift Status
RO
0 = No downshift
1 = Downshift is required or has occurred
0
0
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com