Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation VSC8221 Datasheet HTML 106Page - Microsemi Corporation VSC8221 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
103 of 106
106
22E.7:0 - EEPROM Write Data
When an EEPROM write is initiated by setting bits 21E.13 to a “1” and clearing bit 21E.12, the data from these bits is written to
the EEPROM.
23.3.8 Register 23E (17h) - Extended PHY Control Register #4
23E.15:11 - PHY Address
These bits contain the PHY address of the current PHY port. The reset value of these bits is determined by the PHY Address
bits in the CMODE hardware configuration.
23E.10 - Enable in-line Powered Device Detection
When bit 23E.10 is set to a “1”, the VSC8221 will search for devices requiring CAT-5 in-line power as part of the auto-
negotiation process.
23E.9:8 - in-line Powered Device Detection Status
Bits 23E.9:8 are used by the station manager to determine if a device which requires in-line power is connected to the
VSC8221.
23E.7:0 - CRC Counter
When the Ethernet Packet Generator is enabled by setting Mii Register 29.15, these bits count the number of packets received
that contain a CRC error. This counter will saturate at FFh and is cleared when read.
23.3.9 Register 24E (18h) - Reserved
24E.15:0 - Reserved
Register 23E (17h) - Extended PHY Control Register #4
Bit
Name
Access States
Reset Value Sticky
15:11 PHY Address
RO
PHY address latched on reset
CMODE
10
Enable in-line Powered Device
Detection
R/W
1 = in-line powered device detection is enabled
0 = in-line powered device detection is disabled
0
S
9:8
in-line Powered Device Detection
Status
RO
00 = Searching for devices
01 = Device found which requires in-line power
10 = Device found which does not require in-
line power
11 = Reserved
00
7:0
CRC Counter
RO SC
CRC counter for Ethernet packet generator
00000000
Register 24E (18h) - Reserved Register
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com