Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation VSC8221 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
102 of 106
106
21E.15 - SFP MODE
SFP Mode (bit 15 =”1”) sets the following PHY defaults:
• TXDiS/SRESET is active high, i.e. behaves like TXDiS.
• MODDEF0/CLKOUT pin functions like MODDEF0, i.e this pin is asserted low by the PHY once the EEPROM interface is
released for access through the SMi interface.
• RXLOS/SiGDET pins functions like RXLOS.
• The SMi interface is set in MSA mode.
iEEE Mode (bit 15 = “0”) sets the following PHY defaults:
• TXDiS/SRESET is active low, i.e. behaves like SRESET.
• MODDEF0/CLKOUT pin functions like CLKOUT, i.e this pin drives out a 125MHz clock.
• RXLOS/SiGDET pin functions like SiGDET.
• The SMi interface is set in iEEE mode.
21E.14 - Re-Read EEPROM on Software Reset
When bit 21E.14 is set to a “1”, the contents of the EEPROM will be re-read and reloaded into the Mii registers upon software
reset.
21E.13 - EEPROM Access Enable
When bit 21E.13 is set to a “1”, the EEPROM address in bits 21E.10:0 is written to or read from, based on the state of bit
21E.12. The data to read/write resides in register 22E.
21E.12 - EEPROM Read/Write
When bit 21E.12 is set to a “1”, the VSC8221 will read from the EEPROM when bit 21E.13 is set. When bit 21E.12 is cleared,
the VSC8221 will write to the EEPROM when bit 21E.13 is set.
21E.11 - EEPROM Ready
When the VSC8221 is busy reading/writing to the EEPROM, bit 21E.11 will be cleared. Bit 21E.13 should not be set while bit
21E.11 is cleared.
21E.10:1 - EEPROM Address
These bits contain the EEPROM address that the VSC8221 will read from or write to when bit 21E.13 is set.
23.3.7 Register 22E (16h) - EEPROM Data Read/Write Register
22E.15:18 - EEPROM Read Data
After an EEPROM read has occurred by setting bits 21E.13 and 21E.12 to a “1”, the data read from the EEPROM is placed in
these bits.
Register 22E (16h) - EEPROM Data Read/Write Register
Bit
Name
Access
States
Reset
Value
Sticky
15:8
EEPROM Read Data
RO
8-bit data read from EEPROM
00000000
7:0
EEPROM Write Data
R/W
8-bit data to write to EEPROM
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com