Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 24Page - Microsemi Corporation VSC8221 Datasheet HTML 25Page - Microsemi Corporation VSC8221 Datasheet HTML 26Page - Microsemi Corporation VSC8221 Datasheet HTML 27Page - Microsemi Corporation VSC8221 Datasheet HTML 28Page - Microsemi Corporation VSC8221 Datasheet HTML 29Page - Microsemi Corporation VSC8221 Datasheet HTML 30Page - Microsemi Corporation VSC8221 Datasheet HTML 31Page - Microsemi Corporation VSC8221 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
28 of 28
28
9.2 System Schematic
− 100Mbps Fiber Media implementation
Figure 5. System Schematic
− 100Mbps Fiber Media implementation
20
19
18
17
16
15
14
13
12
11
SFP Connector
Veet
TD-
TD+
Veet
Vcct
Vccr
Veer
RD+
RD-
Veer
10
9
8
7
6
5
4
3
2
1
Veer
Veer
LOS
Rate Select
MOD_DEF0
MOD_DEF1
MOD_DEF2
Tdis
Tfault
Veet
20
19
18
17
16
15
14
13
12
11
SFP Cage
GND20
GND19
GND18
GND17
GND16
GND15
GND14
GND13
GND12
GND11
10
9
8
7
6
5
4
3
2
1
GND10
GND9
GND8
GND7
GND6
GND5
GND4
GND3
GND2
GND1
SFP_RD-
SFP_RD+
SFP_TD+
SFP_TD-
PHY_TXVNB
PHY_TXVPB
PHY_TXVPA
PHY_TXVNA
SFP_TXFAULT
SFP_TXDIS
SFP_SDA
SFP_SCL
SFP_PRESENT
TXVPB
TXVNB
TXVNA
TXVPA
VDD33
10uF
100nF
100nF
10uF
100nF
1uH
1uH
VSC8211/VSC8221
VDD33
LINK100/ACTIVITY
LEDn
VDD33
TXVND
TXVPD
TXVNC
TXVPC
SFP_RX_LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com