Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 94 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 94 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 90Page - Microsemi Corporation VSC8221 Datasheet HTML 91Page - Microsemi Corporation VSC8221 Datasheet HTML 92Page - Microsemi Corporation VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
94 of 106
106
23.2.29 Register 28 (1Ch) – Auxiliary Control and Status Register
28.15 – Auto-Negotiation Complete
This bit is a copy of bit 1.5, duplicated here for convenience.
28.14 – Auto-Negotiation Disabled
When bit 28.14 is read as a “1”, this bit indicates that the auto-negotiation process has been disabled. This happens only when
register bit 0.12 is set to “0”.
28.13 – MDi/MDi-X Crossover indication
When bit 28.13 returns a “1”, the auto-negotiation state machine has determined that crossover does not exist in the signal path.
The crossover will therefore be performed internally to the PHY, as described by the MDi/MDi-X crossover specification.1
Register 28 (1Ch) – Auxiliary Control and Status Register
Bit
Name
Access
States
Reset
Value
Sticky
15
Auto-Negotiation Complete
RO
1 = Auto-negotiation complete
0 = Auto-negotiation not complete
0
14
Auto-Negotiation Disabled
RO
1 = Auto-negotiation was disabled
0 = Auto-negotiation is enabled
0
13
MDi/MDi-X Crossover indication
RO
1 = MDi/MDi-X crossover detected
0 = MDi/MDi-X crossover not detected
0
12
CD Pair Swap
RO
1 = CD pairs are swapped
0 = CD pairs are not swapped
0
11
A Polarity inversion
RO
1 = Polarity swapped on pair A
0 = Polarity not swapped on pair A
0
10
B Polarity inversion
RO
1 = Polarity swapped on pair B
0 = Polarity not swapped on pair B
0
9
C Polarity inversion
RO
1 = Polarity swapped on pair C
0 = Polarity not swapped on pair C
0
8
D Polarity inversion
RO
1 = Polarity swapped on pair D
0 = Polarity not swapped on pair D
0
7
Reserved
RO
-
--
6
Enhanced ActiPHY Mode Enable
R/W
1 = Enable enhanced ActiPHY power manage-
ment
0 = Disable enhanced ActiPHY power manage-
ment
0
S
5
FDX Status
RO
1 = Full Duplex
0 = Half Duplex
0
4:3
Speed Status
RO
00 = Speed is 10BASE-T
01 = Speed is 100BASE-TX or 100BASE-FX
10 = Speed is 1000BASE-T
11 = Reserved
00
2
Reserved1
1 This bit must always be set to ‘1’.
RO
1
1:0
Enhanced ActiPHYTM Sleep Timer
R/W
00=1 second
01=2 seconds
10-3 seconds
11=4 seconds
01
1This bit is valid only after descrambler lock has been achieved and as long as bit 18.5 is set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com