Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 27Page - Microsemi Corporation VSC8221 Datasheet HTML 28Page - Microsemi Corporation VSC8221 Datasheet HTML 29Page - Microsemi Corporation VSC8221 Datasheet HTML 30Page - Microsemi Corporation VSC8221 Datasheet HTML 31Page - Microsemi Corporation VSC8221 Datasheet HTML 32Page - Microsemi Corporation VSC8221 Datasheet HTML 33Page - Microsemi Corporation VSC8221 Datasheet HTML 34Page - Microsemi Corporation VSC8221 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
31 of 31
31
10.4 Forcing the PHY into MDi or MDi-X mode in 10/100/1000 Link Speeds
if the Auto-MDi/MDi-X feature is disabled by setting Mii Register 18.5, or by disabling auto-negotiation, the PHY’s default
behavior is to establish a link in MDi mode. To force the PHY into MDi-X mode:
•
Write Mii Register 31 = 0x2A30
•
Write Mii Register 5 = 0x1038
•
Write Mii Register 31 = 0x0000
To force the PHY into MDi mode:
•
Write Mii Register 31 = 0x2A30
•
Write Mii Register 5 = 0x1030
•
Write Mii Register 31 = 0x0000
To disable the forcing of MDi/MDi-X mode:
•
Write Mii Register 31 = 0x2A30
•
Write Mii Register 5 = 0x1020
•
Write Mii Register 31 = 0x0000
10.5 Twisted Pair Link Speed Downshift
in addition to automatic crossover detection, the VSC8221 supports an automatic link speed “downshift” option for operation in
cabling environments incompatible with 1000BASE-T. When this feature is enabled, the VSC8221 will automatically change its
auto-negotiation advertisement to 100BASE-TX after a set number of failed attempts at 1000BASE-T. This is especially useful
in setting up networks using older cable installations which may include only pairs A and B and not pairs C and D. The link
speed downshift feature is configured and monitored through Mii Register 20E (14h) - Extended PHY Control Register #3.
10.6 100Mbps Fiber Support Over Copper Media interface
The VSC8221 supports 100BASE-FX over its copper media interface by using pairs A and B, which provide TX and RX
differential connections, respectively. if the fiber module does not have internal AC coupling capacitors, then they are required
between the PHY and fiber module. The value should be 0.1µF.
The RXLOS/SiGDET signal is not used in this mode.
A separate 1000BASE-X fiber module may be connected to the PHY through the 1000BASE-X SerDes pins.
10.6.1 Register Settings
The PHY can be brought into the 100BASE-FX operation mode using the following configuring sequence:
1.
initialize the PHY into the specific MAC-to-copper operating mode for the MAC interface type required (register 23).
2.
Disable auto-negotiation and force the 100BASE-T FDX mode (register 0).
3.
Run the 100BASE-FX initialization script; for more information, see Section 31.10: "100BASE-FX initialization
Script".
4.
Configure other settings, such as LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com