Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
98 of 106
106
23.2.32 Register 31 (1Fh) – Extended Page Access
31.15:1 – Reserved
31.0 - Extended Page Access
in order to provide additional functionality beyond the iEEE802.3 specified 32 Mii registers, the VSC8221 contains an extended
register set which supports an additional 15 registers. When bit 31.0 is set to a “1”, Mii registers 16:30 will access the extended
set of registers. The state of bit 31.0 has no effect on Mii registers 0:15.
23.3 Extended Mii Registers
23.3.1 Register 16E (10h) - Reserved
16E.15:0 – Reserved
23.3.2 Register 17E (11h) - Serdes Control Register
Register 31 (1Fh) – Extended Page Access1
1 This register will always read zero.
Bit
Name
Access
States
Reset Value
Sticky
15:1
Reserved
RO
00000000 0000000
0
Extended Page Access R/W
1 = Mii registers 16:30 will access extended
register set
0 = Mii registers 16:30 will access standard
register set
0
Register 16E (10h) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000
Register 17E (11h) – SerDes Control Register
Bit
Name
Access
States
Reset Value
Sticky
15:5
Reserved
RO
00000000 000
4:2
RDP/RDN SCLKP/SCLKN
Output Swing Control
R/W
000=0.4mv(p-p)
001=0.6mv(p-p)
010=0.8mv(p-p)
011=1.0mv(p-p)
100=1.2mv(p-p)
101=1.4mv(p-p)
110/111=1.6mv(p-p)
100
1
25mv Hysteresis Disable
R/W
1=Disable
0=Enable
0
0
CLKOUTMiCRO Enable
R/W
1=Enable
0=Disable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com