Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 86Page - Microsemi Corporation VSC8221 Datasheet HTML 87Page - Microsemi Corporation VSC8221 Datasheet HTML 88Page - Microsemi Corporation VSC8221 Datasheet HTML 89Page - Microsemi Corporation VSC8221 Datasheet HTML 90Page - Microsemi Corporation VSC8221 Datasheet HTML 91Page - Microsemi Corporation VSC8221 Datasheet HTML 92Page - Microsemi Corporation VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
90 of 106
106
25.5 – RX FiFO interrupt Mask
When bit 25.5 is set to “1”, the RX FiFO interrupt is enabled.
25.4 – Reserved
25.3 – False Carrier interrupt Mask
When bit 25.3 is set to “1”, the False Carrier interrupt is enabled.
25.2 – Cable impairment Detect interrupt Mask1
When bit 25.2 is set to “1”, the Cable impairment Detect interrupt is enabled.
25.1 – MASTER/SLAVE Resolution Error interrupt Mask
When bit 25.1 is set to “1”, the MASTER/SLAVE Resolution Error interrupt is enabled.
25.0 – RXER interrupt Enable
When bit 25.0 is set to “1”, the RXER interrupt is enabled.
23.2.27 Register 26 (1Ah) – interrupt Status Register
1This interrupt is vaild only when 10/100 speeds are advertised.
Register 26 (1Ah) – interrupt Status Register
Bit
Name
Access States
Reset
Value
Sticky
15
interrupt Status
RO SC
1 = interrupt pending
0 = No interrupt pending
0
14
Reserved
RO
0
13
Link State-Change interrupt Status
RO SC
1 = Link State-Change/ Energy Detect interrupt
pending
0
12
Reserved
RO
0
11
Auto-Negotiation Error interrupt
Status
RO SC
1 = Auto-Negotiation Error interrupt pending
0
10
Auto-Negotiation-Done / interlock
Done interrupt Status
RO SC
1 = Auto-Negotiation-Done/ interlock Done inter-
rupt pending
0
9
inline Powered Device Detected
interrupt Status
RO SC
1 = inline Powered Device Detected interrupt
pending
0
8
Symbol Error interrupt Status
RO SC
1 = Symbol Error interrupt pending
0
7
Descrambler Lock-Lost interrupt
Status
RO SC
1 = Lock-Lost interrupt pending
0
6
TX FiFO interrupt Status
RO SC
1 = TX FiFO interrupt pending
0
5
RX FiFO interrupt Status
RO SC
1 = RX FiFO interrupt pending
0
4
Reserved
RO
0
3
False Carrier interrupt Status
RO SC
1 = False Carrier interrupt pending
0
2
Cable impairment Detect interrupt
Status
RO SC
1 = Cable impairment Detect interrupt pending
0
1
MASTER/SLAVE Resolution inter-
rupt Status
RO SC
1 = MASTER/SLAVE Error interrupt pending
0
0
RXER interrupt Status
RO
1 = RXER interrupt pending
0 = No RXER interrupt pending
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com