Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 79 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 79 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 75Page - Microsemi Corporation VSC8221 Datasheet HTML 76Page - Microsemi Corporation VSC8221 Datasheet HTML 77Page - Microsemi Corporation VSC8221 Datasheet HTML 78Page - Microsemi Corporation VSC8221 Datasheet HTML 79Page - Microsemi Corporation VSC8221 Datasheet HTML 80Page - Microsemi Corporation VSC8221 Datasheet HTML 81Page - Microsemi Corporation VSC8221 Datasheet HTML 82Page - Microsemi Corporation VSC8221 Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
79 of 106
106
10.14 – MASTER/SLAVE Configuration Resolution1
By default, the MASTER/SLAVE configuration is determined as part of the auto-negotiation process. However, the MASTER/
SLAVE status can optionally be manually forced via bits in Mii Register 9. Bit 10.14 indicates the final MASTER/SLAVE
configuration status for the local PHY. This bit can change state only as a result of the reset or subsequent restart of the auto-
negotiation process. This bit is only valid when the Auto-Negotiation Complete bit (1.5) is set.
10.13 – Local Receiver Status1
Bit 10.13 indicates the state of the loc_rcvr_status flag within the PMA receive function within the local PHY.
10.12 – Remote Receiver Status1
Bit 10.12 indicates the state of the rem_rcvr_status flag within the PMA receive function within the local PHY.
10.11 – LP 1000BASE-T FDX Capability1
Bit 10.11 is set to “1” if the Link Partner PHY advertises 1000BASE-T FDX capability. Otherwise, this bit is set to “0”. The state
of this bit is valid when the Auto-Negotiation Complete bit (1.5) is set.
10.10 – LP 1000BASE-T HDX Capability1
Bit 10.10 is set to “1” if the Link Partner PHY advertises 1000BASE-T HDX capability. Otherwise, this bit is set to “0”. The state
of this bit is valid when the Auto-Negotiation Complete bit (1.5) is set.
10.9:8 – Reserved
10.7:0 – idle Error Count1
Bits 10.7:0 indicate the idle Error count, where 10.7 is the most significant bit. These bits contain a cumulative count of the
errors detected when the receiver is receiving idles and PMA_TXMODE.indicate is equal to SEND_N (indicating that both the
local and remote receiver status have been detected to be OK). The counter is incremented every symbol period that
rx_error_status in the PMA receive function is equal to ERROR. Bits 10.7:0 are reset to all “0”s when the error count is read by
the management function, or upon execution of the PCS reset function, and they are saturated to all “1”s in case of overflow.
23.2.12 Register 11 (0Bh) – Reserved Register
11.15:0 – Reserved
1This bit is valid only when the Page Received bit (6.1) is set to a “1” and if Mii Register bit 9.9 or 9.8 is set.
Register 11 (0Bh) – Reserved Register
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com