Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 4 Page - Microsemi Corporation

  VSC8221 Datasheet HTML 1Page - Microsemi Corporation VSC8221 Datasheet HTML 2Page - Microsemi Corporation VSC8221 Datasheet HTML 3Page - Microsemi Corporation VSC8221 Datasheet HTML 4Page - Microsemi Corporation VSC8221 Datasheet HTML 5Page - Microsemi Corporation VSC8221 Datasheet HTML 6Page - Microsemi Corporation VSC8221 Datasheet HTML 7Page - Microsemi Corporation VSC8221 Datasheet HTML 8Page - Microsemi Corporation VSC8221 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
4 of 5
5
6 RELEVANT SPECIFICATIONS & DOCUMENTATION
The VSC8221 conforms to the following specifications. Please refer to these documents for additional information.
Table 1. Specifications and Documentation
Specification - Revision
Description
iEEE 802.3-2002
Carrier Sense Multiple Access with Collision Detection (CSMA/CD) Access Method and
Physical Layer Specifications. iEEE 802.3-2002 consolidates and supersedes the following
specifications:
802.3ab (1000BASE-T), 802.3z (1000BASE-X), 802.3u (Fast Ethernet), with references to
ANSi X3T12 TP-PMD standard (ANSi X3.263 TP-PMD)
iEEE 1149.1-1990
Test Access Port and Boundary Scan Architecture1.
includes iEEE Standard 1149.1a-1993 and iEEE Standard 1149.1b-1994
1 Often referred to as the “JTAG” test standard.
JEDEC EiA/JESD8-5
2.5V±0.2V (Normal Range), and 1.8V to 2.7V (Wide Range) Power Supply Voltage and
interface Standard for Nonterminated Digital integrated Circuits
JEDEC JESD22-A114-B
Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM)
Revision of JESD22-A114-A
JEDEC JESD22-A115-A
Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM)
Revision of EiA/JESD22-A115
JEDEC EiA/JESD78
iC Latch-Up Test Standard
MiL-STD-883E
Miltary Test Method Standard for Microcircuits
Cisco SGMii v1.7
Cisco SGMii specification
PiCMG 2.16
iP Backplane for CompactPCi
Advanced TCA™ Base
PiCMG 3.0
iP Backplane specification for CompactPCi v3.0
Cisco inLine Power Detection
Algorithm
Cisco Systems inLine Power Detection:
http://www.cisco.com/en/US/products/hw/phones/ps379/prod-
ucts_tech_note09186a00801189b5.shtml
Small Form-factor Pluggable
(SFP) Transceiver MultiSource
Agreement
Specification for pluggable fiber optic transceivers. Describes module data access protocol
and interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com