Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 51Page - Microsemi Corporation VSC8221 Datasheet HTML 52Page - Microsemi Corporation VSC8221 Datasheet HTML 53Page - Microsemi Corporation VSC8221 Datasheet HTML 54Page - Microsemi Corporation VSC8221 Datasheet HTML 55Page - Microsemi Corporation VSC8221 Datasheet HTML 56Page - Microsemi Corporation VSC8221 Datasheet HTML 57Page - Microsemi Corporation VSC8221 Datasheet HTML 58Page - Microsemi Corporation VSC8221 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
55 of 56
56
Auto-negotiation
Advertisement
Control[1]
CMODE3[0]
These CMODE bits set the default auto-negotiation advertisement
defaults by setting the defaults of Mii Registers 4 and 9.
0
10/100/1000BASE-T HDX, FDX
1
10/100BASE-T HDX, FDX
SFP Mode Disable
CMODE1[3]
This CMODE bit sets the default value of Mii Register 21E.15 .
0
This sets Mii Register 21E.15 = 1.
Sets the following PHY defaults:
• TXDiS/SRESET is active high i.e. behaves like TXDiS.
• MODDEF0/CLKOUT pin functions like MODDEF0 i.e this pin
is asserted low by the PHY once the EEPROM inter-
face is released for access through the SMi interface.
• RXLOS/SiGDET pins functions like the RXLOS.
• The SMi interface is set in MSA mode.
1
This sets Mii Register 21E.15 = 0.
Sets the following PHY defaults:
• TXDiS/SRESET is active low i.e. behaves like SRESET.
• MODDEF0/CLKOUT pin functions like CLKOUT i.e this pin
drive out a 125Mhz clock.
• RXLOS/SiGDET pin functions like the SiGDET.
• The SMi interface is set in iEEE mode
SiGDET pin direction
CMODE1[1]
The value of this bit is valid in non-SFP mode when CMODE bit
CMODE1[3] is 1. This CMODE bit set the direction of the SiGDET pin by
setting the default value of Extended Mii Register 19E.1
0
input
1
Output
SerDes Line
impedance
CMODE1[0]
Sets the internal end termination resistance value of the Serial MAC/
Media interface input pins.
050
Ω
175
Ω
SQE Enable
CMODE3[2]
Sets the default value of Mii Register 22.12.
0SQE Disabled (Mii Register 22.12=1)
1
SQE Enabled (Mii Register 22.12=0)
Table 27. PHY Operating Condition Parameter Description (continued)
PHY Operating
Condition Parame-
ter Name
CMODE Pin Name and
Bit Position
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com