Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 68Page - Microsemi Corporation VSC8221 Datasheet HTML 69Page - Microsemi Corporation VSC8221 Datasheet HTML 70Page - Microsemi Corporation VSC8221 Datasheet HTML 71Page - Microsemi Corporation VSC8221 Datasheet HTML 72Page - Microsemi Corporation VSC8221 Datasheet HTML 73Page - Microsemi Corporation VSC8221 Datasheet HTML 74Page - Microsemi Corporation VSC8221 Datasheet HTML 75Page - Microsemi Corporation VSC8221 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
72 of 106
106
4.13 – Transmit Remote Fault
This bit is used by the local MAC to communicate a fault condition to the link partner during auto-negotiation. This bit does not
have any effect on the local PHY operation. This bit is automatically cleared following a successful negotiation with the Link
Partner. Note that iEEE Clause-37 provides for two remote fault bits, while Clause-28 provides only a single remote fault bit.
This discrepancy is handled in Mii Extended register bits 16E.2:1 - Remote Fault Mapping Mask and 16E.0 - Remote Fault
Mapping OR.
4.11 – Advertise Asymmetric Pause Capability
This bit is used by the local MAC to communicate Asymmetric Pause Capability to the link partner during auto-negotiation. This
has no effect on PHY operation. Changing this bit in Clause-28 view will also change bit 4.8 in Clause-37 view.
4.10 – Advertise Symmetric Pause Capability
This bit is used by the local MAC to communicate Symmetric Pause Capability to the link partner during auto-negotiation. This
has no effect on PHY operation. Changing this bit in Clause-28 view will also change bit 4.9 in Clause-37 view.
4.9:5 – Advertise Capability
Bits 4.9:5 allow the user to customize the ability information transmitted to the Link Partner during auto-negotiation. By writing a
“1” to any of these bits, the corresponding ability will be advertised to the Link Partner. Writing a “0” to any bit causes the
corresponding ability to be suppressed from transmission. The state of these bits has no other effect on the operation of the
local PHY. Resetting the chip restores the default bit values. Note that the default values of these bits indicate the true ability of
the VSC8221. These bits are not available for read or write in Clause-37 view.
4.4:0 – Advertise Selector Field
Since the VSC8221 is a member of the 802.3 class of PHYs, the Advertise Selector Field defaults to “00001”. These bits are
R/W because the Ethernet standard requires them to be R/W. Changing the value of these bits has no effect on PHY operation.
23.2.6 Register 5 (05h) – Auto-Negotiation Link Partner Ability Register
5.15 – LP Next-Page Transmit Request
Bit 5.15 returns a “1” when the Link Partner implements the Next-Page function and has Next-Page information it wants to
transmit. The state of this bit is valid when the Auto-Negotiation Complete bit (1.5) or the Page Received bit (6.1) is set.
Register 5 (05h) – Auto-Negotiation Link Partner Ability Register
Bit Name
Access States
Reset Value Sticky
15
LP Next-Page Transmit Request
RO
1 = LP NP transmit request
0
14
LP Acknowledge
RO
1 = LP acknowledge
0
13
LP Remote Fault
RO
1 = LP remote fault
0
12
Reserved
RO
0
11
LP Asymmetric Pause Capability
RO
1 = LP Advertise Asymmetric Pause capable 0
10
LP Symmetric Pause Capability
RO
1 = LP Advertise Symmetric Pause capable
0
9
LP Advertise 100BASE-T4 Capability
RO
1 = LP Advertise 100BASE-T4 capable
0
8
LP Advertise 100BASE-TX FDX
RO
1 = LP 100BASE-TX FDX capable
0
7
LP Advertise 100BASE-TX HDX
RO
1 = LP 100BASE-TX HDX capable
0
6
LP Advertise 10BASE-T FDX
RO
1 = LP 10BASE-T FDX capable
0
5
LP Advertise 100BASE-T HDX
RO
1 = LP 100BASE-T HDX capable
0
4:0 LP Advertise Selector Field
RO
LP Advertise Selector Field
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com