Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 93 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 93 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 89Page - Microsemi Corporation VSC8221 Datasheet HTML 90Page - Microsemi Corporation VSC8221 Datasheet HTML 91Page - Microsemi Corporation VSC8221 Datasheet HTML 92Page - Microsemi Corporation VSC8221 Datasheet HTML 93Page - Microsemi Corporation VSC8221 Datasheet HTML 94Page - Microsemi Corporation VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
93 of 106
106
27.11:6 – LED Pin Configuration
Each of the three LED pins on the VSC8221 can be configured for one of four functions. These functions are different for each
LED pin.1 Bits 27.11:6 are used to select the function for each LED pin. The reset value of these bits is set by the LED
configuration bits in the CMODE hardware configuration.
7.5 – LED Pulse-Stretch/Blink Rate
The Collision, Activity, Tx and Rx LED functions can be set to either blink at a constant rate or visibly flash through the use of
pulse-stretching. The blink rate and pulse-stretch length are set with this bit.
27.4 – LED Pulsing Enable
When bit 27.4 is set to “1”, all LED outputs are pulsed at a 5kHz rate with 20% duty cycle in order to save power.
27.3 – LED Pulse-Stretch / Blink Select
When bit 27.3 is set to “1”, Collision, Activity, Tx and Rx LED functions will be pulse-stretched. When bit 27.3 is cleared, these
LED functions will blink at a constant rate. Bit 27.5 are used to select the pulse-stretch / blink rate.
27.2 – LED Link/Activity Behavior
When bit 27.2 is set to “0”, the link status LED function will blink or flash when activity is present. Blink / flash behavior is
selected by bits 27.3 and 27.5.
27.1 – LED Linkxxxx/Activity Behavior
When bit 27.1 is set to “0”, all linkxxxx status LED functions (Link10, Link100, Link1000, Link10/100, Link100/1000) will blink or
flash when activity is present. Blink / flash behavior is selected by bits 27.3 and 27.5.
27.0 – LED Duplex/Collision Behavior
When bit 27.0 is set to “1”, the Duplex LED function indicates duplex status only. When bit 27.0 is cleared, the Duplex function
will blink or flash when collision is present. Blink / flash behavior is selected by bits 27.3 and 27.5.
1Note that if bits 27.7:6 are set to “01”, LED pins 1 and 2 are used as serial output pins and the values of bits 27.11:8 are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com