Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 34Page - Microsemi Corporation VSC8221 Datasheet HTML 35Page - Microsemi Corporation VSC8221 Datasheet HTML 36Page - Microsemi Corporation VSC8221 Datasheet HTML 37Page - Microsemi Corporation VSC8221 Datasheet HTML 38Page - Microsemi Corporation VSC8221 Datasheet HTML 39Page - Microsemi Corporation VSC8221 Datasheet HTML 40Page - Microsemi Corporation VSC8221 Datasheet HTML 41Page - Microsemi Corporation VSC8221 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
38 of 40
40
12.1.4 Read Operation - Sequential Read
• R4..R0 are the 5 bits of the Register address
• M7..M0 are bits of the Upper byte of the 16 bit Register data
• L7..L0 are bits of the Lower byte of the 16 bit Register data
12.2 PHY Register Access with SMi in iEEE Mode
in iEEE mode, the SMi is fully compliant with the iEEE 802.3-2000 Mii interface specifications.
in iEEE mode, the SMi pins function as follows:
As many as 32 PHYs (32 distinct PHY Addresses) can share a common iEEE SMi signal pair (MDC, MDiO).
Table 18. SMi Pin Descriptions - iEEE Mode
Pin Name
Description
MDC
Clock input, 0 – 12.5 Mhz.
MDiO
Bidirectional Data. This pin should be pulled high on the board using a 4.7k
Ω to
10k
Ω resistor.
MDiNT
Active Low or Active High open drain interrupt output.
S
0
0
0
A
0
0
1
1
0
1
0
1
H
A
R0
R1
R2
R3
R4
M0
M1
M2
M3
M4
M5
M6
M7
T
N
L0
L1
L2
L3
L4
L5
L6
L7
From Host to PHY/Receiver
From PHY/Receiver to Host
S
A
1
0
1
1
0
1
0
1
H
L0
L1
L2
L3
L4
L5
L6
L7
H
M0
M1
M2
M3
M4
M5
M6
M7
H
L0
L1
L2
L3
L4
L5
L6
L7
H
M0
M1
M2
M3
M4
M5
M6
M7
MSB for Register R
LSB for Register R+n
LSB for Register R+n
LSB for Register R+1
MSB for Register R+1
LSB for Register R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com