Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 77 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 77 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 73Page - Microsemi Corporation VSC8221 Datasheet HTML 74Page - Microsemi Corporation VSC8221 Datasheet HTML 75Page - Microsemi Corporation VSC8221 Datasheet HTML 76Page - Microsemi Corporation VSC8221 Datasheet HTML 77Page - Microsemi Corporation VSC8221 Datasheet HTML 78Page - Microsemi Corporation VSC8221 Datasheet HTML 79Page - Microsemi Corporation VSC8221 Datasheet HTML 80Page - Microsemi Corporation VSC8221 Datasheet HTML 81Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
77 of 106
106
• Test Mode 2: The PHY transmits the data symbol sequence {+2, -2} repeatedly on all channels. The transmitter should
use a 125.00 MHz ± 0.01% clock in the MASTER timing mode.
• Test Mode 3: The PHY transmits the data symbol sequence {+2, -2} repeatedly on all channels. The transmitter should
use a 125.00 MHz ± 0.01% clock and should operate in SLAVE timing mode.
• Test Mode 4: The PHY transmits the sequence of symbols generated by the following scrambler generator polynomial,
bit generation, and level mappings:
The maximum-length shift register used to generate the sequences defined by this polynomial is updated once per
symbol interval (8ns). The bits stored in the shift register delay line at a particular time n are denoted by Scrn[10:0]. At
each symbol period, the shift register is advanced by one bit, and one new bit represented by Scrn[0] is generated. Bits
Scr
n[8] and Scrn[10] are exclusive-OR'd together to generate the next Scrn[0] bit. The bit sequences, x0n, x1n, and x2n,
generated from combinations of the scrambler bits as shown in the following equations, shall be used to generate the
quinary symbols, s
n, as shown in the following table. The transmitter should use a 125.00 MHz ± 0.01% clock and should
operate in MASTER timing mode.
9.12 – MASTER/SLAVE Manual Configuration Enable1
When this bit is set to “0” (default), the MASTER/SLAVE designation of the local PHY is determined using the arbitration
protocol established in the iEEE Ethernet standard. When this bit is set to “1”, the MASTER/SLAVE designation of the local PHY
is set by bit 9.11. Note that MASTER/SLAVE configuration is valid only in 1000BASE-T mode.
9.11 – MASTER/SLAVE Configuration Value1
This bit is ignored when bit 9.12 is set to “0”. However, if bit 9.12 is set to “1”, bit 9.11 determines the MASTER/SLAVE
designation of the local PHY. if bit 9.12 is set to “1” and bit 9.11 set to “0” (default), the local PHY is forced to be a SLAVE. if bit
9.12 is set to “1” and bit 9.11 set to “1”, the local PHY is forced to be a MASTER. Note that MASTER/SLAVE configuration is
valid only in 1000BASE-T mode.
9.10 – Port Type1
Since the VSC8221 is a single port physical layer transceiver, bit 9.10 is set to “0” by default. When set to “0”, this bit indicates a
preference for operation as a SLAVE. if the Link Partner does not indicate the same preference, the local PHY will operate as a
SLAVE, and the Link Partner will be a MASTER. Otherwise, the normal MASTER/SLAVE assignment protocol is used.
x2
n
x1
n
x0
n
Quinary Symbol, s
n
000
0
001
1
010
2
011
-1
100
0
101
1
110
-2
111
-1
1The state of this register is internally latched when the auto-negotiation state machine enters the ABiLiTY_DETECT state. Changes to the
states of these bits are recognized only at that time. This register is valid only in 1000BASE-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com