Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 84Page - Microsemi Corporation VSC8221 Datasheet HTML 85Page - Microsemi Corporation VSC8221 Datasheet HTML 86Page - Microsemi Corporation VSC8221 Datasheet HTML 87Page - Microsemi Corporation VSC8221 Datasheet HTML 88Page - Microsemi Corporation VSC8221 Datasheet HTML 89Page - Microsemi Corporation VSC8221 Datasheet HTML 90Page - Microsemi Corporation VSC8221 Datasheet HTML 91Page - Microsemi Corporation VSC8221 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
88 of 106
106
24.11:10 - Reserved
24.9:7 – TX FiFO Depth Control1
Bits 24.9:7 control symbol buffering for the transmit synchronization FiFO used in all 1000BT modes. An internal FiFO is used to
synchronize the clock domains between the MAC transmit clock and the PHY’s clock (e.g., REFCLK), used to transmit symbols
on the local PHY’s twisted pair interface.
The iEEE mode supports up to 1518-byte packet size with the minimum inter-packet gap (iPG). The jumbo packet mode adds
latency to the path to support up to 9600-byte packets with the minimum inter-packet gap (iPG). When using jumbo packet
mode, a larger iPG is recommended due to the possible compression of the iPG at the output of the FiFO.
24.6:4 – RX FiFO Depth Control1
Used in 1000BT , bits 24.6:4 control symbol buffering as determined by the receive synchronization FiFO. An internal FiFO is
used to synchronize the clock domains between the MAC receive clock and the PHY’s clock (e.g., REFCLK), used to receive
symbols on the local PHY’s twisted pair interface.
The iEEE mode supports up to 1518-byte packet size with the minimum inter-packet gap (iPG). The jumbo packet mode adds
latency to the path to support up to 9600-byte packets with the minimum inter-packet gap (iPG). When using jumbo packet
mode, a larger iPG is recommended due to the possible compression of the iPG at the output of the FiFO.
24.3:1 – Reserved
24.0 - Connector Loopback
See Section 17.3 on page 51 for details.
23.2.26 Register 25 (19h) – interrupt Mask Register
1The TX and RX FiFOs are not used for 10BASE-T and 100BASE-TX.
Register 25 (19h) – interrupt Mask Register
Bit
Name
Access States
Reset
Value
Sticky
15
interrupt Pin Enable
R/W
1 = Enable interrupt pin
0 = Disable interrupt pin
0
S
14
Reserved
RO
0
13
Link State-Change interrupt Mask
R/W
1 = Enable Link State/ Energy Detect interrupt
0 = Disable Link State/ Energy Detect interrupt
0
S
12
Reserved
RO
0
11
Auto-Negotiation Error interrupt
Mask
R/W
1 = Enable Auto-Negotiation Error interrupt
0 = Disable Auto-Negotiation Error interrupt
0
S
10
Auto-Negotiation-Done / interlock
Done interrupt Mask
R/W
1 = Enable Auto-Negotiation-Done/ interlock Done
interrupt
0 = Disable Auto-Negotiation-Done/ interlock
Done interrupt
0
S
9
inline Powered Device Detected
interrupt Mask
R/W
1 = Enable inline Powered Device Detected inter-
rupt
0 = Disable inline Powered Device Detected inter-
rupt
0
S
8
Symbol Error interrupt Mask
R/W
1 = Enable Symbol Error interrupt
0 = Disable Symbol Error interrupt
0
S
7
Descrambler Lock-Lost interrupt
Mask
R/W
1 = Enable Lock-Lost interrupt
0 = Disable Lock-Lost interrupt
0
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com