Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 37Page - Microsemi Corporation VSC8221 Datasheet HTML 38Page - Microsemi Corporation VSC8221 Datasheet HTML 39Page - Microsemi Corporation VSC8221 Datasheet HTML 40Page - Microsemi Corporation VSC8221 Datasheet HTML 41Page - Microsemi Corporation VSC8221 Datasheet HTML 42Page - Microsemi Corporation VSC8221 Datasheet HTML 43Page - Microsemi Corporation VSC8221 Datasheet HTML 44Page - Microsemi Corporation VSC8221 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
41 of 43
43
13 LED INTERFACE
The PHY has dedicated pins LED[2:0] to drive 3 LEDs directly. For power savings, all LED outputs can be configured to pulse at
5kHz with a 20% duty cycle. All LED outputs are active-low and driven with 3.3V from the VDD33A power supply when
deasserted.
Because the 100BASE-FX mode uses 100BASE-T resources, its indications are those of the 100BASE-T mode.
Four different functions have been assigned to each LED pin. Selection is done through CMODE hardware configuration (see
Section 18 on page 53) or through Mii Register 27 (1Bh) – LED Control Register. The functions are assigned according to the
following table:
LED functions are summarized in the following table:
Table 20. LED Function Assignments
LED Configuration Bits
Value
LED Function Selection
LED Pin 2 Config [1:0]
11
TX1
1 When using Enable Force LED in Mii Register 20E.13, this setting is “Force on”. For more information, see Section 23.3.5 on page 100.
10
Link/Activity
01
Duplex/Collision2
2 When using Enable Force LED in Mii Register 20E.13, this setting is “Force Off”. For more information, see Section 23.3.5 on page 100.
00
Link10/Activity
LED Pin 1 Config [1:0]
11
Link100/1000/Activity1
10
Link/Activity
01
Link10/100/Activity2
00
Link100/Activity
LED Pin 0 Config [1:0]
11
RX1
10
Fault
01
Link/Act (with serial output on LED pins 1 and 2)2
00
Link1000/Activity
Table 21. Parallel LED Functions
Function Name
State
Description
Link1000/Activity1
1
No link in 1000BASE-T or 1000BASE-X
0
Valid 1000BASE-T link or 1000BASE-X link
Pulse-stretch/Blink2
Valid 1000BASE-T link and activity present (optional)
Link100/Activity1
1
No link in 100BASE-Tx
0
Valid 100BASE-Tx link
Pulse-stretch/Blink2
(optional) Valid 100BASE-Tx link and activity present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com