Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 71Page - Microsemi Corporation VSC8221 Datasheet HTML 72Page - Microsemi Corporation VSC8221 Datasheet HTML 73Page - Microsemi Corporation VSC8221 Datasheet HTML 74Page - Microsemi Corporation VSC8221 Datasheet HTML 75Page - Microsemi Corporation VSC8221 Datasheet HTML 76Page - Microsemi Corporation VSC8221 Datasheet HTML 77Page - Microsemi Corporation VSC8221 Datasheet HTML 78Page - Microsemi Corporation VSC8221 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
75 of 106
106
7.11 – Toggle
The Toggle bit is used by the arbitration function in the local PHY to ensure synchronization with the Link Partner during Next-
Page exchanges. The Toggle bit is automatically set to the opposite state of the Toggle bit in the previously exchanged Link
Code Word.
7.10:0 – Message/Unformatted Code
The Message/Unformatted Code bits indicate the message code being transmitted to the Link Partner. The local PHY passes
the message code to the Link Partner without interpreting or reacting to it. By default, this code is set to “000 0000 0001”,
indicating a null message.
23.2.9 Register 8 (08h) – Auto-Negotiation Link Partner Next-Page Receive Register
SMi Register 8 contains the Link Partner’s Next-Page register contents. The contents of this register are only valid when the
Page Received bit (6.1) is set.
8.15 – LP Next Page
This bit indicates if more pages follow from the Link Partner.
8.14 – LP Acknowledge
This bit returns a “1” when the Link Partner signals that it has received the Link Code Word from the local PHY. The local PHY
uses this bit for proper Link Code Word exchange, as defined in Clause 28 of iEEE 802.3.
8.13 – LP Message Page
The Message Page bit indicates if the page received from the Link Partner is a message page or an unformatted page.
8.12 – LP Acknowledge2
The Acknowledge2 bit indicates whether the Link Partner MAC reports that it is able to act on the information (or perform the
task) indicated in the message. The local PHY does not interpret or act on changes in the state of this bit.
8.11 – LP Toggle
The Toggle bit is used by the arbitration function in the local PHY to ensure synchronization with the Link Partner during Next-
Page exchanges. in the Link Partner, the Toggle bit is automatically set to the opposite state of the Toggle bit in the previously
exchanged Link Code Word from the Link Partner.
Register 8 (08h) – Auto-Negotiation Link Partner Next-Page Receive Register
Bit
Name
Access
States
Reset Value
Sticky
15
LP Next Page
RO
1 = More pages follow
0 = Last page
0
14
LP Acknowledge
RO
1 = LP acknowledge
0
13
LP Message Page
RO
1 = Message page
0 = Unformatted page
0
12
LP Acknowledge2
RO
1 = LP will comply with request
0
11
LP Toggle
RO
1 = Previous transmitted LCW == 0
0 = Previous transmitted LCW == 1
0
10:0
LP Message/Unformatted Code
RO
00000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com