Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 25Page - Microsemi Corporation VSC8221 Datasheet HTML 26Page - Microsemi Corporation VSC8221 Datasheet HTML 27Page - Microsemi Corporation VSC8221 Datasheet HTML 28Page - Microsemi Corporation VSC8221 Datasheet HTML 29Page - Microsemi Corporation VSC8221 Datasheet HTML 30Page - Microsemi Corporation VSC8221 Datasheet HTML 31Page - Microsemi Corporation VSC8221 Datasheet HTML 32Page - Microsemi Corporation VSC8221 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
29 of 31
31
10 TWISTED PAIR INTERFACE
The twisted pair interface on the VSC8221 is fully compliant with the iEEE802.3-2000 specification for CAT-5 media. All passive
components necessary to connect the PHY to an external 1:1 transformer have been integrated into the VSC8221. The
connection of the twisted pair interface is shown in the following figure:
Figure 6. Twisted Pair interface
Unlike other Gigabit PHYs, which do not integrate the line terminations in the PHY, the VSC8221’s twisted pair interface is
compatible with a wide variety of standard magnetics and RJ-45 modules from common module vendors. Depending upon the
application (the number of ports, EMi performance requirements such as FCC Class A or B, the type and quality of the
equipment shielding, and other EMi design practices, for example), the twisted pair interface may be used with standard (12- or
8-core) magnetics as well as SimpliPHY’d (4-core) magnetics modules available from many module vendors. in addition, this
interface is also used to provide support for 100Mbps fiber module connection. For more information on the suitability of using
SimpliPHY’d magentics for a particular design, see the Magnetics Guide, available from the Microsemi Web site.
10.1 Twisted Pair Auto-Negotiation (iEEE802.3 Clause 28)
The VSC8221 supports twisted pair auto-negotiation, as defined in iEEE 802.3-2002 clause 28. (However, auto-negotiation is
not defined by iEEE for the 100BASE-FX mode and is therefore not supported.) This process evaluates the advertised
capabilities of the local PHY and its link partner to determine the best possible operating mode. in particular, auto-negotiation
can determine speed, duplex, and MASTER/SLAVE modes for 1000BASE-T. Auto-negotiation also allows the local MAC to
communicate with the Link Partner MAC (via optional “Next-Pages”) to set attributes that may not be defined in the standard. if
the link partner does not support auto-negotiation, the VSC8221 will automatically use parallel-detect to select the appropriate
link speed.
Clause 28 twisted-pair auto-negotiation can be disabled by clearing Mii Register 0.12 – Auto-Negotiation Enable. if auto-
negotiation is disabled, the operating speed and duplex mode of the VSC8221 is determined by the state of Mii Register 0.13,
0.6 – Forced Speed Selection and Mii Register 0.8 – Duplex Mode.
10.2 Twisted Pair Auto MDi/MDi-X Function
For trouble-free configuration and management of Ethernet links, the VSC8221 includes robust Automatic Crossover Detection
functionality for all three speeds on the twisted pair interface (10BASE-T, 100BASE-TX, and 1000BASE-T) – fully compliant with
VSC8221
TXVPA
1
2
3
6
4
5
7
8
J1
RJ-45
A+
A-
B+
B-
C+
C-
D+
D-
S1
S2
PHY Port
1000pF, 2kV
75
75
75
75
0.1µF
0.1µF
0.1µF
0.1µF
TXVNA
TXVPB
TXVNB
TXVPC
TXVNC
TXVPD
TXVND
*
* SimpliPHY’d magnetics may be used.
For information, refer to the SimpliPHY’d Magnetics
application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com