Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 106 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 106 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation VSC8221 Datasheet HTML 106Page - Microsemi Corporation VSC8221 Datasheet HTML 107Page - Microsemi Corporation VSC8221 Datasheet HTML 108Page - Microsemi Corporation VSC8221 Datasheet HTML 109Page - Microsemi Corporation VSC8221 Datasheet HTML 110Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
106 of 106
106
29E.9:6 - Destination Address
The 6-byte destination address for packets generated by the EPG is assigned one of 16 values in the range 0xF0 FF FF FF FF
FFh through 0xFF FF FF FF FF FFh. The most significant byte’s lower nibble bits of the destination address are selected by bits
29E.9:6. if bits 29E.9:6 change during packet transmission, the new values will not take effect until the EPG Run/Stop bit
(29E.14) has been cleared and set to a “1” again.
29E.5:2 - Source Address
The 6-byte source address for packets generated by the EPG is assigned one of 16 values in the range 0xF0 FF FF FF FF FFh
through 0xFF FF FF FF FF FFh. The most significant byte’s lower nibble bits of the source address are selected by bits 29E.5:2.
if bits 29E.5:2 change during packet transmission, the new values will not take effect until the EPG Run/Stop bit (29E.14) has
been cleared and set to a “1” again.
29E.1 - TXER Control
When bit 29E.1 is set to a “1”, all packets generated by the EPG will have the TXER signal asserted. When this bit is cleared,
TXER is not asserted. if bit 29E.1 changes during packet transmission, the new value will not take effect until the EPG Run/Stop
bit (29E.14) has been cleared and set to a “1” again.
29E.0 - Bad FCS Generation
When bit 29E.0 is set to a “1”, the EPG will generate packets containing an invalid Frame Check Sequence (FCS). When this bit
is cleared, the all EPG packets will contain a valid Frame Check Sequence. if bit 29E.0 changes during packet transmission, the
new value will not take effect until the EPG Run/Stop bit (29E.14) has been cleared and set to a “1” again.
23.3.15 Register 30E (1Eh) - 1000BASE-T Ethernet Packet Generator Register #2
30E.15:0 - EPG Packet Payload
Each packet generated by the EPG contains a repeating sequence of bits 30E.15:0 as the data payload. if bits 30E.15:0 change
during packet transmission, the new values will not take effect until the EPG Run/Stop bit (29E.14) has been cleared and set to
a “1” again.
Register 30E (1Eh) - 1000BASE-T Ethernet Packet Generator Register #21
1 Refer to Section 17.1 on page 51 for more information.
Bit
Name
Access
States
Reset Value
Sticky
15:0
EPG Packet Payload
R/W
Data for packets generated by EPG 00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com