Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 108 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 108 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 104Page - Microsemi Corporation VSC8221 Datasheet HTML 105Page - Microsemi Corporation VSC8221 Datasheet HTML 106Page - Microsemi Corporation VSC8221 Datasheet HTML 107Page - Microsemi Corporation VSC8221 Datasheet HTML 108Page - Microsemi Corporation VSC8221 Datasheet HTML 109Page - Microsemi Corporation VSC8221 Datasheet HTML 110Page - Microsemi Corporation VSC8221 Datasheet HTML 111Page - Microsemi Corporation VSC8221 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
108 of 123
123
24.3 Thermal Application Data
VDD12
1.14
1.2
1.26
V
DC voltage on VDD12 pins
FREFCLK
25
125
MHz
Local reference clock (REFCLK) nominal
frequency. Refer to FTOL for minimum and
maximum values.
FTOL (REFCLK)
-100
+100
ppm
Reference clock frequency offset tolerance over
specified temperature range
(25 MHz or 125 MHz)
FTOL (LiNK)
-1500
+1500
ppm
CAT5 link partner frequency offset tolerance (for
any link speed)
REXT
2.00
k
Ω
External reference circuit bias resistor
(1% tolerance).
CREF_FiLT
0.1
µF
External reference generator filter capacitor
(10% tolerance).
TOPER
0100
°C
Operating temperature. Lower limit of
specification is ambient temperature, and upper
limit is case temperature.
Table 36. Thermal Application Data
Printed Circuit Board Conditions (JEDEC JESD51-9)
PCB Layers
4
PCB Dimensions (mm x mm)
101.6 × 114.3
PCB Thickness (mm)
1.6
Environment Conditions
Maximum operating junction temperature (ºC)
125
Ambient free-air operating temperature (ºC)
70
Worst Case Power Dissipation (W)
1
Table 37. Thermal Resistances
Symbol
Typ
Unit
Parameter Description & Conditions
θ
JA (0 m/s airflow)
40.8
°C/W
Junction-to-ambient thermal resistance
θ
JA (1 m/s airflow)
35.5
°C/W
Junction-to-ambient thermal resistance
θ
JA (2 m/s airflow)
34.1
°C/W
Junction-to-ambient thermal resistance
ψ
JT (0 m/s airflow)
0.17
°C/W
Junction-to-top center of case thermal resistance
ψ
JT (1 m/s airflow)
0.19
°C/W
Junction-to-top center of case thermal resistance
Table 35. Recommended Operating Conditions (continued)
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com