Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 107Page - Microsemi Corporation VSC8221 Datasheet HTML 108Page - Microsemi Corporation VSC8221 Datasheet HTML 109Page - Microsemi Corporation VSC8221 Datasheet HTML 110Page - Microsemi Corporation VSC8221 Datasheet HTML 111Page - Microsemi Corporation VSC8221 Datasheet HTML 112Page - Microsemi Corporation VSC8221 Datasheet HTML 113Page - Microsemi Corporation VSC8221 Datasheet HTML 114Page - Microsemi Corporation VSC8221 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
111 of 123
123
VDDiO at 3.3 V, SGMii-Cat-5 (10 Mbps), FD, 1518-byte random data packet, 100% utilization, SCLK disabled, SFP mode off,
regulator off
VDDiO at 3.3 V SerDes-Cat-5, FD,1518-byte random data packet,100% utilization, SCLK enabled, SFP mode off, regulator off
Table 42. VDDiO at 3.3 V, SGMii-Cat-5 (10 Mbps), SCLK Disabled
Symbol
Min
Typ
Max
Unit
Description
iVDD33A
146
151
155
mA
Analog 3.3 V power supply current into
VDD33A pins
iVDDREG
0.5
0.5
0.5
mA
1.2 V regulator power supply current into the
VDDREG pins
iVDDiO
8
8
10
mA
Digital i/O supply current into VDDiO
iVDDiOMiCRO
2
2
2
mA
Digital i/O supply current into VDDiOMiCRO
iVDDiOCTRL
0.5
0.5
0.5
mA
Digital i/O supply current into VDDiOCTRL
iVDD12
53
56
61
mA
Digital 1.2 V core power supply current into
VDD12 pins
iVDD12A
22
25
28
mA
Analog 1.2 V core power supply current into
VDD12A pins
PD
556.5
631.8
716.94
mW
Power consumption
Table 43. VDDiO at 3.3 V SerDes-Cat-5, SCLK Enabled
Symbol
Min
Typ
Max
Unit
Description
iVDD33A
109
111
114
mA
Analog 3.3 V power supply current into
VDD33A pins
iVDDREG
0.5
0.5
0.5
mA
1.2 V regulator power supply current into the
VDDREG pins
iVDDiO
8
8
10
mA
Digital i/O supply current into VDDiO
iVDDiOMiCRO
2
2
2
mA
Digital i/O supply current into VDDiOMiCRO
iVDDiOCTRL
0.5
0.5
0.5
mA
Digital i/O supply current into VDDiOCTRL
iVDD12
305
340
379
mA
Digital 1.2 V core power supply current into
VDD12 pins
iVDD12A
31
36
39
mA
Analog 1.2 V core power supply current into
VDD12A pins
PD
743.04
853.8
983.88
mW
Power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com