Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 112 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 112 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 108Page - Microsemi Corporation VSC8221 Datasheet HTML 109Page - Microsemi Corporation VSC8221 Datasheet HTML 110Page - Microsemi Corporation VSC8221 Datasheet HTML 111Page - Microsemi Corporation VSC8221 Datasheet HTML 112Page - Microsemi Corporation VSC8221 Datasheet HTML 113Page - Microsemi Corporation VSC8221 Datasheet HTML 114Page - Microsemi Corporation VSC8221 Datasheet HTML 115Page - Microsemi Corporation VSC8221 Datasheet HTML 116Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
112 of 123
123
VDDiO at 3.3 V, SerDes-Cat-5, FD,1518-byte random data packet,100% utilization, SCLK disabled, SFP mode on, regulator off
VDDiO @ 3.3V, SGMii-100BASE-FX, FDX, 1518 Byte Random data packet, 100% Utilization, SFP Mode Off
VDDiO at 3.3 V, SerDes-Cat-5, FD,1518-byte random data packet, 100% utilization, SCLK disabled, SFP mode on, regulator on
Table 44. VDDiO at 3.3 V SerDes-Cat-5, SFP Mode On
Symbol
Min
Typ
Max
Unit
Description
iVDD33A
109
111
114
mA
Analog 3.3 V power supply current into
VDD33A pins
iVDDREG
0.5
0.5
0.5
mA
1.2 V regulator power supply current into the
VDDREG pins
iVDDiO
8
8
10
mA
Digital i/O supply current into VDDiO
iVDDiOMiCRO
2
2
2
mA
Digital i/O supply current into VDDiOMiCRO
iVDDiOCTRL
0.5
0.5
0.5
mA
Digital i/O supply current into VDDiOCTRL
iVDD12
258
275
283
mA
Digital 1.2 V core power supply current into
VDD12 pins
iVDD12A
31
36
39
mA
Analog 1.2 V core power supply current into
VDD12A pins
PD
689.46
775.80
862.92
mW
Power consumption
Table 45. VDDiO at 3.3V SGMii-100BASE-FX, SFP Mode Off
Symbol
Min
Typ
Max
Unit
Description
iVDD12 +
iVDD12A
145
mA
Power supply current into VDD12 and VDD12A
pins
iVDD33A
96
mA
Analog 3.3V power supply current into
VDD33A pins
iVDDiOMAC +
iVDDiOCTRL +
iVDDiOMiCRO
19
mA
Digital i/O supply current into VDDiOMAC,
VDDiOCTRL, and VDDiOMiCRO pins
PD
554
mW
Power dissipation
Table 46. VDDiO at 3.3 V SerDes-Cat-5, SFP Mode On, Regulator On
Symbol
Min
Typ
Max
Unit
Description
iVDD33A
109
111
114
mA
Analog 3.3 V power supply current into
VDD33A pins
iVDDREG
149.5
139.5
129.5
mA
1.2 V regulator power supply current into the
VDDREG pins
iVDDiO
8
8
10
mA
Digital i/O supply current into VDDiO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com