Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 112Page - Microsemi Corporation VSC8221 Datasheet HTML 113Page - Microsemi Corporation VSC8221 Datasheet HTML 114Page - Microsemi Corporation VSC8221 Datasheet HTML 115Page - Microsemi Corporation VSC8221 Datasheet HTML 116Page - Microsemi Corporation VSC8221 Datasheet HTML 117Page - Microsemi Corporation VSC8221 Datasheet HTML 118Page - Microsemi Corporation VSC8221 Datasheet HTML 119Page - Microsemi Corporation VSC8221 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
116 of 123
123
26 CLOCKING SPECIFICATIONS
26.1 Reference Clock Option
The following component specifications should be used to select a clock reference for use with the VSC8221. For more
information about clocking and frequency offset tolerance specifications when jumbo packet support is required, see the
application note Using Jumbo Packets with SimpliPHYs, available from the Microsemi Web site.
26.2 Crystal Option
The following component specifications should be used to select a crystal for use with the VSC8221. For more information
about clocking and frequency offset tolerance specifications when jumbo packet support is required, see the application note
Using Jumbo Packets with SimpliPHYs
, available from the Microsemi Web site.
Table 50. Reference Clock Option Specifications
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
FTOL-25MHZ
-100 ppm
25
+100 ppm
MHz
Total frequency offset tolerance (25 MHz clock
option), including, initial offset, stability over
temperature.
TR1, TF1
4ns
Rise and fall time (20% to 80%), 25 MHz clock
option.
TR2, TF2
0.8
ns
Rise and fall time (20% to 80%), 125 MHz clock
option.
DUTY
45
55
%
Duty cycle (25 MHz and 125 MHz clock
options).
Table 51. Crystal Option Specifications
Symbol
Min
Typ
Max
Unit
Parameter Description & Conditions
FREF
25
MHz
Fundamental mode, AT-cut type, parallel
resonant crystal reference frequency.
FTOL(TOTAL)
-50
+50
ppm
Fundamental mode, AT-cut type, parallel
resonant crystal total frequency offset, including,
initial offset, stability over temperature, aging
and capacitive loading.
CL
18
20
pF
Crystal parallel load capacitance.
CL-EXT
30
pF
Crystal external load capacitors to GND.1
1 These values can depend on board parasitics.
ESR
10
30
Ω
Equivalent series resistance of crystal.
PD
0.5
mW
Crystal oscillator drive level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com