Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 114 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 114 Page - NEC

Back Button VR4102 Datasheet HTML 110Page - NEC VR4102 Datasheet HTML 111Page - NEC VR4102 Datasheet HTML 112Page - NEC VR4102 Datasheet HTML 113Page - NEC VR4102 Datasheet HTML 114Page - NEC VR4102 Datasheet HTML 115Page - NEC VR4102 Datasheet HTML 116Page - NEC VR4102 Datasheet HTML 117Page - NEC VR4102 Datasheet HTML 118Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
114
4.5.3 Slip Conditions
During
)2 of the RF stage and )1 of the EX stage, internal logic will determine whether it is possible to start the
current instruction in this cycle. If all of the source operands are available (either from the register file or via the
internal bypass logic) and all the hardware resources necessary to complete the instruction will be available
whenever required, then the instruction “run”; otherwise, the instruction will “slip”. Slipped instructions are retired on
subsequent cycles until they issue. The backend of the pipeline (stages DC and WB) will advance normally during
slips in an attempt to resolve the conflict. NOPs will be inserted into the bubble in the pipeline. Instructions killed by
branch likely instructions, ERET or exceptions will not cause slips.
Figure 4-15. Load Data Interlock
1
ADD A, B
Load B
Load A
Bypass
Detect load interlock
IF
RF
EX
DC
WB
IF
RF
EX
DC
WB
IF
RF
RF
EX
DC
WB
IF
RF
EX
DC
WB
1
Get the target data
2
2
Load Data Interlock is detected in the RF stage shown in as Figure 4-15 and also the pipeline slips in the stage.
Load Data Interlock occurs when data fetched by a load instruction and data moved from HI, LO or CP0 register is
required by the next immediate instruction. The pipeline begins running again when the clock after the target of the
load is read from the data cache, HI, LO and CP0 register. The data returned at the end of the DC stage is input into
the end of the RF stage, using the bypass multiplexers.
Figure 4-16. MD Busy Interlock
1
MFLO/MFHI
Bypass
Detect MD busy interlock
IF
RF
EX
DC
WB
IF
RF
RF
EX
DC
WB
IF
RF
EX
DC
WB
1
Get target data
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com