Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 117 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 117 Page - NEC

Back Button VR4102 Datasheet HTML 113Page - NEC VR4102 Datasheet HTML 114Page - NEC VR4102 Datasheet HTML 115Page - NEC VR4102 Datasheet HTML 116Page - NEC VR4102 Datasheet HTML 117Page - NEC VR4102 Datasheet HTML 118Page - NEC VR4102 Datasheet HTML 119Page - NEC VR4102 Datasheet HTML 120Page - NEC VR4102 Datasheet HTML 121Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 701 page
background image
117
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
The VR4102 provides a memory management unit (MMU) which uses a translation lookaside buffer (TLB) to
translate virtual addresses into physical addresses. This chapter describes the virtual and physical address spaces,
the virtual-to-physical address translation, the operation of the TLB in making these translations, and the CP0
registers that provide the software interface to the TLB.
5.1 TRANSLATION LOOKASIDE BUFFER (TLB)
Virtual addresses are translated into physical addresses using an on-chip TLB 22. The on-chip TLB is a fully-
associative memory that holds 32 entries, which provide mapping to 32 odd/even page pairs for one entry. The
pages can have five different sizes, 1 K, 4 K, 16 K, 64 K, and 256 K, and can be specified in each entry. If it is
supplied with a virtual address, each of the 32 TLB entries is checked simultaneously to see whether they match the
virtual addresses that are provided with the ASID field and saved in the EntryHi register.
If there is a virtual address match, or “hit,” in the TLB, the physical page number is extracted from the TLB and
concatenated with the offset to form the physical address.
If no match occurs (TLB “miss”), an exception is taken and software refills the TLB from the page table resident in
memory.
The software writes to an entry selected using the Index register or a random entry indicated in the
Random register.
If more than one entry in the TLB matches the virtual address being translated, the operation is undefined and the
TLB may be disabled. In this case, the TLB-Shutdown (TS) bit of the Status register is set to 1, and the TLB
becomes unusable (an attempt to access the TLB results in a TLB Mismatch exception regardless of whether there
is an entry that hits). The TS bit can be cleared only by a reset.
Note that virtual addresses may be converted to physical addresses without using a TLB, depending on the
address space that is being subjected to address translation. For example, address translation for the kseg0 or
kseg1 address space does not use mapping. The physical addresses of these address spaces are determined by
subtracting the base address of the address space from the virtual addresses.
5.2 VIRTUAL ADDRESS SPACE
The address space of the CPU is extended in memory management system, by converting (translating) huge
virtual memory addresses into physical addresses.
The physical address space of the VR4102 is 4 Gbytes and 32-bit width addresses are used.
For the virtual address space, up to 2 Gbytes (2
31) are provided as a user’s area and 32-bit width addresses are
used in the 32-bit mode. In the 64-bit mode, up to 1 Tbyte (2
40) is provided as a user’s area and 64-bit width
addresses are used. For the format of the TLB entry in each mode, refer to 5.4.1.
As shown in Figures 4-2 and 4-3, the virtual address is extended with an address space identifier (ASID), which
reduces the frequency of TLB flushing when switching contexts. This 8-bit ASID is in the CP0 EntryHi register, and
the Global (G) bit is in the EntryLo0 and EntryLo1 registers, described later in this chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com