Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 115 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 115 Page - NEC

Back Button VR4102 Datasheet HTML 111Page - NEC VR4102 Datasheet HTML 112Page - NEC VR4102 Datasheet HTML 113Page - NEC VR4102 Datasheet HTML 114Page - NEC VR4102 Datasheet HTML 115Page - NEC VR4102 Datasheet HTML 116Page - NEC VR4102 Datasheet HTML 117Page - NEC VR4102 Datasheet HTML 118Page - NEC VR4102 Datasheet HTML 119Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
115
MD Busy Interlock is detected in the RF stage as shown in Figure 4-16 and also the pipeline slips in the stage.
MD Busy Interlock occurs when Hi/Lo register is required by MFHi/Lo instruction before finishing Mult/Div execution.
The pipeline begins running again the clock after finishing Mult/Div execution. The data returned from the Hi/Lo
register at the end of the DC stage is input into the end of the RF stage, using the bypass multiplexers.
Store-Load Interlock is detected in the EX stage and the pipeline slips in the RF stage. Store-Load Interlock
occurs when store instruction followed by load instruction is detected. The pipeline begins running again one clock
after.
Coprocessor 0 Interlock is detected in the EX stage and the pipeline slips in the RF stage.
A coprocessor
interlock occurs when an MTC0 instruction for the Configuration or Status register is detected.
The pipeline begins running again one clock after.
4.5.4 Bypassing
In some cases, data and conditions produced in the EX, DC and WB stages of the pipeline are made available to
the EX stage (only) through the bypass data path.
Operand bypass allows an instruction in the EX stage to continue without having to wait for data or conditions to
be written to the register file at the end of the WB stage. Instead, the Bypass Control Unit is responsible for ensuring
data and conditions from later pipeline stages are available at the appropriate time for instructions earlier in the
pipeline.
The Bypass Control Unit is also responsible for controlling the source and destination register addresses supplied
to the register file.
4.6 CODE COMPATIBILITY
The VR4100 CPU core can execute all programs that can be executed in other VR-Series processors. But the
reverse is not necessarily true. Programs complied using a standard MIPS compiler can be executed in both types
of processors. When using manual assembly, however, write programs carefully so that compatibility with other VR-
series processors can be maintained. Matters which should be paid attention to when porting programs between the
VR4100 CPU core and other VR-Series processors are listed below.
• The V
R
4100 CPU core does not support floating-point instructions since it has no Floating-Point Unit (FPU).
• Multiply-add instructions (DMADD16, MADD16) are added in the V
R
4100 CPU core.
• Instructions for power modes (HIBERNATE, STANDBY, SUSPEND) are added in the V
R
4100 CPU core to
support power modes.
• The V
R
4100 CPU core does not have the LL bit to perform synchronization of multiprocessing. Therefore, the
CPU core does not support instructions which manipulate the LL bit (LL, LLD, SC, SCD).
• The CP0 hazards of the V
R
4100 CPU core are equally or less stringent than those of other processors (see
Chapter 28 for details).
For more information, refer to Chapter 27,
the VR4000, VR4400 User’s Manual, or the VR4200
TM User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com