Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 119 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 119 Page - NEC

Back Button VR4102 Datasheet HTML 115Page - NEC VR4102 Datasheet HTML 116Page - NEC VR4102 Datasheet HTML 117Page - NEC VR4102 Datasheet HTML 118Page - NEC VR4102 Datasheet HTML 119Page - NEC VR4102 Datasheet HTML 120Page - NEC VR4102 Datasheet HTML 121Page - NEC VR4102 Datasheet HTML 122Page - NEC VR4102 Datasheet HTML 123Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
119
5.2.2 32-bit Mode Address Translation
Figure 5-2 shows the virtual-to-physical-address translation of a 32-bit mode address. The pages can have five
different sizes between 1 Kbyte (10 bits) and 256 Kbytes (18 bits), each being 4 times as large as the preceding one
in ascending order, that is 1 K, 4 K, 16 K, 64 K, and 256 K.
— Shown at the top of Figure 5-2 is the virtual address space in which the page size is 1 Kbyte and the offset is
10 bits. The 22 bits excluding the ASID field represents the virtual page number (VPN), enabling selecting a
page table of 4 M entries.
— Shown at the bottom of Figure 5-2 is the virtual address space in which the page size is 256 Kbytes and the
offset is 18 bits. The 14 bits excluding the ASID field represents the VPN, enabling selecting a page table of
16 K entries.
Figure 5-2. 32-bit Mode Virtual Address Translation
Bits 31 to 29 of the virtual
address select the user,
supervisor, or kernel
address space.
31
PFN
Virtual address for 16K (2
14) 256-Kbyte pages
Virtual address for 4M (2
22) 1-Kbyte pages
22 bits = 4M pages
The offset is passed to
physical address without
being changed.
The offset is passed to
physical address without
being changed.
Virtual-to-physical address
translation with the TLB
Virtual-to-physical address
translation with the TLB
10
22
8
0
0
9
10
28
29
31
32
39
ASID
Offset
VPN
Offset
TLB
14 bits = 16K pages
18
14
8
0
17
18
28
29
31
32
39
ASID
VPN
Offset
TLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com