Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 122 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 122 Page - NEC

Back Button VR4102 Datasheet HTML 118Page - NEC VR4102 Datasheet HTML 119Page - NEC VR4102 Datasheet HTML 120Page - NEC VR4102 Datasheet HTML 121Page - NEC VR4102 Datasheet HTML 122Page - NEC VR4102 Datasheet HTML 123Page - NEC VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
122
Figure 5-4. User Mode Address Space
64-bit mode
32-bit mode
Note
0x8000 0000
0xFFFF FFFF
Address error
0x0000 0100 0000 0000
0xFFFF FFFF FFFF FFFF
Address error
xuseg
useg
0x0000 0000
0x7FFF FFFF
2 Gbytes with
TLB mapping
0x0000 0000 0000 0000
0x0000 00FF FFFF FFFF
1 Tbyte with
TLB mapping
Note
The VR4102 uses 64-bit addresses within it. When the processor is running in Kernel mode, it saves
the contents of each register or restores their previous contents to initialize them before switching the
context. For 32-bit mode addressing, bit 31 is sign-extended to bits 32 to 63, and the resulting 32 bits
are used for addressing.
Usually, it is impossible for 32-bit mode programs to generate invalid
addresses. If context switching occurs and the processor enters Kernel mode, however, an attempt
may be made to save an address other than the sign-extended 32-bit address mentioned above to a
64-bit register. In this case, user-mode programs are likely to generate an invalid address.
Table 5-1. Comparison of useg and xuseg
Address bit
Status register bit value
Segment
Address range
Size
value
KSU
EXL
ERL
UX
name
32-bit
A[31] = 0
10
0
0
0
useg
0x0000 0000
to
0x7FFF FFFF
2 Gbytes
(2
31 bytes)
64-bit
A[63..40] = 0
10
0
0
1
xuseg
0x0000 0000 0000 0000
to
0x0000 00FF FFFF FFFF
1 Tbyte
(2
40 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com