Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 126 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 126 Page - NEC

Back Button VR4102 Datasheet HTML 122Page - NEC VR4102 Datasheet HTML 123Page - NEC VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC VR4102 Datasheet HTML 130Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
126
Table 5-2. 32-bit and 64-bit Supervisor Mode Segments
Address bit
Status register bit value
Segment
Address range
Size
value
KSU
EXL
ERL
SX
name
32-bit
A[31] = 0
01
0
0
0
suseg
0x0000 0000
to
0x7FFF FFFF
2 Gbytes
(2
31 bytes)
32-bit
A[31..29] = 110
01
0
0
0
sseg
0xC000 0000
to
0xDFFF FFFF
512 Mbytes
(2
29 bytes)
64-bit
A[63..62] = 00
01
0
0
1
xsuseg
0x0000 0000 0000 0000
to
0x0000 00FF FFFF FFFF
1 Tbyte
(2
40 bytes)
64-bit
A[63..62] = 01
01
0
0
1
xsseg
0x4000 0000 0000 0000
to
0x4000 00FF FFFF FFFF
1 Tbyte
(2
40 bytes)
64-bit
A[63..62] = 11
01
0
0
1
csseg
0xFFFF FFFF C000 0000
to
0xFFFF FFFF DFFF FFFF
512 Mbytes
(2
29 bytes)
(1) suseg (32-bit Supervisor mode, user space)
When SX = 0 in the Status register and the most-significant bit of the virtual address space is set to 0, the suseg
virtual address space is selected; it covers 2 Gbytes (2
31 bytes) of the current user address space. The virtual
address is extended with the contents of the 8-bit ASID field to form a unique virtual address. This mapped
space starts at virtual address 0x0000 0000 and runs through 0x7FFF FFFF.
(2) sseg (32-bit Supervisor mode, supervisor space)
When SX = 0 in the Status register and the three most-significant bits of the virtual address space are 110, the
sseg virtual address space is selected; it covers 512 Mbytes (229 bytes) of the current supervisor virtual address
space. The virtual address is extended with the contents of the 8-bit ASID field to form a unique virtual address.
This mapped space begins at virtual address 0xC000 0000 and runs through 0xDFFF FFFF.
(3) xsuseg (64-bit Supervisor mode, user space)
When SX = 1 in the Status register and bits 63 and 62 of the virtual address space are set to 00, the xsuseg
virtual address space is selected; it covers 1 Tbyte (2
40 bytes) of the current user address space. The virtual
address is extended with the contents of the 8-bit ASID field to form a unique virtual address. This mapped
space starts at virtual address 0x0000 0000 0000 0000 and runs through 0x0000 00FF FFFF FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com