Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 128 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 128 Page - NEC

Back Button VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC VR4102 Datasheet HTML 130Page - NEC VR4102 Datasheet HTML 131Page - NEC VR4102 Datasheet HTML 132Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
128
Figure 5-6. Kernel Mode Address Space
32-bit mode
Note 1
0.5 Gbytes with
TLB mapping
0.5 Gbytes with
TLB mapping
0.5 Gbytes without
TLB mapping
uncacheable
64-bit mode
0xDFFF FFFF
0xE000 0000
0xC000 0000
0xFFFF FFFF
0xFFFF FFFF FFFF FFFF
kuseg
kseg0
kseg1
ksseg
kseg3
0x7FFF FFFF
0x0000 0000
0x8000 0000
xkuseg
xksseg
xkphys
xkseg
ckseg0
ckseg1
ckseg
cksseg
0xBFFF FFFF
0xFFFF FFFF 9FFF FFFF
0xFFFF FFFF A000 0000
0.5 Gbytes without
TLB mapping
cacheable
2 Gbytes with TLB
mapping
0xFFFF FFFF E000 0000
0xFFFF FFFF DFFF FFFF
0xFFFF FFFF C000 0000
0xFFFF FFFF BFFF FFFF
0xFFFF FFFF 7FFF FFFF
0xFFFF FFFF 8000 0000
0xC000 00FF 7FFF FFFF
0xC000 00FF 8000 0000
0.5 Gbytes with
TLB mapping
0.5 Gbytes with
TLB mapping
0.5 Gbytes without
TLB mapping
uncacheable
0.5 Gbytes without
TLB mapping
cacheable
Address error
With TLB mapping
Without TLB mapping
(See Table 5-7 for
details.)
Address error
1 Tbyte with TLB
mapping
Address error
1 Tbyte with TLB
mapping
0x4000 00FF FFFF FFFF
0x4000 0100 0000 0000
0xC000 0000 0000 0000
0xBFFF FFFF FFFF FFFF
0x8000 0000 0000 0000
0x7FFF FFFF FFFF FFFF
0x3FFF FFFF FFFF FFFF
0x4000 0000 0000 0000
0x0000 0000 0000 0000
0x0000 00FF FFFF FFFF
0x0000 0100 0000 0000
0xA000 0000
0x9FFF FFFF
Note2
Note 2
Notes 1. The VR4102 uses 64-bit addresses within it. For 32-bit mode addressing, bit 31 is sign-extended to
bits 32 to 63, and the resulting 32 bits are used for addressing. Usually, a 64-bit instruction is used
for the program in 32-bit mode. In an operation of base register + offset for addressing, however, a
two’s complement overflow may occur, causing an invalid address. Note that the result becomes
undefined. Two factors that can cause a two’s complement follow:
— When offset bit 15 is 0, base register bit 31 is 0, and bit 31 of the operation “base register + offset”
is 1
— When offset bit 15 is 1, base register bit 31 is 1, and bit 31 of the operation “base register + offset”
is 0
2. The K0 field of the Config register controls cacheability of kseg0 and ckseg0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com