Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 127 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 127 Page - NEC

Back Button VR4102 Datasheet HTML 123Page - NEC VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC VR4102 Datasheet HTML 130Page - NEC VR4102 Datasheet HTML 131Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
127
(4) xsseg (64-bit Supervisor mode, current supervisor space)
When SX = 1 in the Status register and bits 63 and 62 of the virtual address space are set to 01, the xsseg
virtual address space is selected; it covers 1 Tbyte (2
40 bytes) of the current supervisor virtual address space.
The virtual address is extended with the contents of the 8-bit ASID field to form a unique virtual address. This
mapped space begins at virtual address 0x4000 0000 0000 0000 and runs through 0x4000 00FF FFFF FFFF.
(5) csseg (64-bit Supervisor mode, separate supervisor space)
When SX = 1 in the Status register and bits 63 and 62 of the virtual address space are set to 11, the csseg
virtual address space is selected; it covers 512 Mbytes (2
29 bytes) of the separate supervisor virtual address
space. The virtual address is extended with the contents of the 8-bit ASID field to form a unique virtual address.
This mapped space begins at virtual address 0xFFFF FFFF C000 0000 and runs through 0xFFFF FFFF DFFF
FFFF.
5.2.7 Kernel-mode Virtual Addressing
If the Status register satisfies any of the following conditions, the processor runs in Kernel mode.
— KSU = 00
— EXL = 1
— ERL = 1
The addressing width in Kernel mode varies according to the state of the KX bit of the Status register, as follows:
— When KX = 0, 32-bit kernel space is selected.
— When KX = 1, 64-bit kernel space is selected.
The processor enters Kernel mode whenever an exception is detected and it remains in Kernel mode until an
exception return (ERET) instruction is executed and results in ERL and/or EXL = 0. The ERET instruction restores
the processor to the mode existing prior to the exception.
Kernel mode virtual address space is divided into regions differentiated by the high-order bits of the virtual
address, as shown in Figure 5-6. Table 5-3 lists the characteristics of the 32-bit Kernel mode segments, and Table
5-4 lists the characteristics of the 64-bit Kernel mode segments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com