Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 131 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 131 Page - NEC

Back Button VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC VR4102 Datasheet HTML 130Page - NEC VR4102 Datasheet HTML 131Page - NEC VR4102 Datasheet HTML 132Page - NEC VR4102 Datasheet HTML 133Page - NEC VR4102 Datasheet HTML 134Page - NEC VR4102 Datasheet HTML 135Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
131
(3) kseg1 (32-bit Kernel mode, kernel space 1)
When KX = 0 in the Status register and the most-significant three bits of the virtual address space are 101, the
kseg1 virtual address space is selected; it is the current 512-Mbyte (2
29-byte) physical space.
References to kseg1 are not mapped through TLB; the physical address selected is defined by subtracting
0xA000 0000 from the virtual address.
Caches are disabled for accesses to these addresses, and main memory (or memory-mapped I/O device
registers) is accessed directly.
(4) ksseg (32-bit Kernel mode, supervisor space)
When KX = 0 in the Status register and the most-significant three bits of the virtual address space are 110, the
ksseg virtual address space is selected; it is the current 512-Mbyte (2
29-byte) virtual address space. The virtual
address is extended with the contents of the 8-bit ASID field to form a unique virtual address.
References to ksseg are mapped through TLB. Whether cache can be used or not is determined by bit C of
each page’s TLB entry.
(5) kseg3 (32-bit Kernel mode, kernel space 3)
When KX = 0 in the Status register and the most-significant three bits of the virtual address space are 111, the
kseg3 virtual address space is selected; it is the current 512-Mbyte (2
29-byte) kernel virtual space. The virtual
address is extended with the contents of the 8-bit ASID field to form a unique virtual address.
References to kseg3 are mapped through TLB. Whether cache can be used or not is determined by bit C of
each page’s TLB entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com