Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR4102 Datasheet(PDF) 130 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 130 Page - NEC

Back Button VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC VR4102 Datasheet HTML 130Page - NEC VR4102 Datasheet HTML 131Page - NEC VR4102 Datasheet HTML 132Page - NEC VR4102 Datasheet HTML 133Page - NEC VR4102 Datasheet HTML 134Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
130
Table 5-3. 32-bit Kernel Mode Segments
Address bit value
Status register bit value
Segment
Virtual address
Physical
Size
KSU
EXL
ERL
KX
name
address
32-bit
A[31] = 0
0
kuseg
0x0000 0000
to
0x7FFF FFFF
TLB map
2 Gbytes
(2
31 bytes)
32-bit
A[31..29] = 100
0
kseg0
0x8000 0000
to
0x9FFF FFFF
0x0000 0000
to
0x1FFF FFFF
512 Mbytes
(2
29 bytes)
32-bit
A[31..29] = 101
0
kseg1
0xA000 0000
to
0xBFFF FFFF
0x0000 0000
to
0x1FFF FFFF
512 Mbytes
(2
29 bytes)
32-bit
A[31..29] = 110
0
ksseg
0xC000 0000
to
0xDFFF FFFF
TLB map
512 Mbytes
(2
29 bytes)
32-bit
A[31..29] = 111
KSU = 00
or
EXL = 1
or
ERL = 1
0
kseg3
0xE000 0000
to
0xFFFF FFFF
TLB map
512 Mbytes
(2
29 bytes)
(1) kuseg (32-bit Kernel mode, user space)
When KX = 0 in the Status register, and the most-significant bit of the virtual address space is 0, the kuseg
virtual address space is selected; it is the current 2-Gbyte (2
31-byte) user address space.
The virtual address is extended with the contents of the 8-bit ASID field to form a unique virtual address.
References to kuseg are mapped through TLB. Whether cache can be used or not is determined by bit C of
each page’s TLB entry.
If the ERL bit of the Status register is 1, the user address space is assigned 2 Gbytes (2
31 bytes) without TLB
mapping and becomes unmapped (with virtual addresses being used as physical addresses) and uncached so
that the cache error handler can use it. This allows the Cache Error exception code to operate uncached using
r0 as a base register.
(2) kseg0 (32-bit Kernel mode, kernel space 0)
When KX = 0 in the Status register and the most-significant three bits of the virtual address space are 100, the
kseg0 virtual address space is selected; it is the current 512-Mbyte (2
29-byte) physical space.
References to kseg0 are not mapped through TLB; the physical address selected is defined by subtracting
0x8000 0000 from the virtual address.
The K0 field of the Config register controls cacheability (see CHAPTER 6 EXCEPTION PROCESSING).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com