Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 99Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 100Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 101Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 102Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 103Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 104Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 105Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 106Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 103 of 128
Bits
Bit Name
Description
Reset
Access
2
LDO5_INPUT_UVLO_INT_MASK
Mask the LDO5_INPUT_UVLO_LATCH Bit on the STATUS Pin.
0x0
R/W
0: mask.
1: not mask.
1
LDO3_INPUT_UVLO_INT_MASK
Mask the LDO3_INPUT_UVLO_LATCH Bit on the STATUS Pin.
0x0
R/W
0: mask.
1: not mask.
0
LDO1_INPUT_UVLO_INT_MASK
Mask the LDO1_INPUT_UVLO_LATCH Bit on the STATUS Pin.
0x0
R/W
0: mask.
1: not mask.
Table 75. TRANSITION_MASK, Register Address: 0x207C
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x0
R
5
WDQA_COND5_FAIL_MASK
Mask the QA Watchdog Fail in Condition 5.
0x0
R/W
0: mask.
1: not mask.
4
WD1_COND5_FAIL_MASK
Mask the WD1 Fail in Condition 5.
0x0
R/W
0: mask.
1: not mask.
3
WD0_COND5_FAIL_MASK
Mask the WD0 Fail in Condition 5.
0x0
R/W
0: mask.
1: not mask.
2
WDQA_COND3_FAIL_MASK
Mask the QA watchdog Fail in Condition 3.
0x0
R/W
0: mask.
1: not mask.
1
WD1_COND3_FAIL_MASK
Mask the WD1 Fail in Condition 3.
0x0
R/W
0: mask.
1: not mask.
0
WD0_COND3_FAIL_MASK
Mask the WD0 Fail in Condition 3.
0x0
R/W
0: mask.
1: not mask.
Table 76. MODE_PIN_STATUS, Register Address: 0x8004
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x0
R
5
DEBUG
Record the Debug Mode Configuration Information by the MODE Pin.
0x0
R
0: debug mode disabled.
1: debug mode enabled.
[4:1]
ADDRESS
Record the Device Index Configuration Information the MODE Pin.
0x0
R
0001: Address 0.
0010: Address 1.
0100: Address 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com