Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 104 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 100Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 101Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 102Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 103Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 104Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 105Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 106Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 107Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 104 of 128
Bits
Bit Name
Description
Reset
Access
1000: Address 3.
Other settings: invalid.
0
VIO
Record the I/O Voltage Configuration Information by the MODE Pin.
0x0
R
0: 1.8 V.
1: 3.3 V.
Table 77. FREQ_CONFG, Register Address: 0x8008
Bits
Bit Name
Description
Reset
Access
[31:10]
RESERVED
Reserved.
0x0
R
9
SP_EN
Enable Frequency Spread Spectrum.
0x0
R/W
0: disable the frequency spread spectrum.
1: enable the frequency spread spectrum.
[8:6]
SD
Setting the Sweep Depth of the Frequency Spread Spectrum.
0x0
R/W
000: 2%.
001: 4%.
010: 6%.
011: 8%.
100: 10%.
Other settings: not supported.
[5:3]
SF
Setting the Sweep Frequency of the Frequency Spread Spectrum.
0x0
R/W
000: 5 kHz.
001: 10.42 kHz.
010: 15.63 kHz.
011: 20.83 kHz.
100: 25 kHz.
101: 31.25 kHz.
110: 41.67 kHz.
111: 62.5 kHz.
2
SYNC_EN
Enable Sync Function.
0x0
R/W
0: the SYNC pin is high impedance, and the synchronization function disabled.
1: the synchronization function is enabled, and the SYNC pin direction is determined by the
SYNC_DIR bit.
1
SYNC_DIV
Setting Frequency on the SYNC Pin when Configured as an Output.
0x0
R/W
0: fSW.
1: fSW/5.
0
SYNC_DIR
Setting the SYNC Pin Direction.
0x0
R/W
0: configure as input.
1: configure as output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com