Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 108 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 104Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 105Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 106Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 107Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 108Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 109Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 110Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 111Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 108 of 128
Table 87. LDO6_VOUT_SETTING, Register Address: 0x8030
Bits
Bit Name
Description
Reset
Access
[31:2]
RESERVED
Reserved.
0x0
R
[1:0]
LDO6_VOUTSET
Set the Output Voltage of LDO6 (Regulator 10).
0x1
R/W
00: 3.2 V.
01: 3.3 V.
10: 3.35 V.
11: 3.4 V.
Table 88. LDO7_VOUT_SETTING, Register Address: 0x8034
Bits
Bit Name
Description
Reset
Access
[31:2]
RESERVED
Reserved.
0x0
R
[1:0]
LDO7_VOUTSET
Set the Output Voltage of LDO7 (Regulator 11).
0x1
R/W
00: 3.2 V.
01: 3.3 V.
10: 3.35 V.
11: 3.4 V.
Table 89. WARN_WINDOW, Register Address: 0x8038
Bits
Bit Name
Description
Reset
Access
[31:28]
RESERVED
Reserved.
0x0
R
[27:26]
VM1_WARN_WINDOW
Set the Warning Window for the VM1 Monitor.
0x1
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[25:24]
VM0_WARN_WINDOW
Set the Warning Window for the VM0 Monitor.
0x1
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[23:22]
FB12_WARN_WINDOW
Set the Warning Window for the FB12 Voltage Monitor.
0x1
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[21:20]
FB11_WARN_WINDOW
Set the Warning Window for the FB11 Voltage Monitor.
0x1
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[19:18]
FB10_WARN_WINDOW
Set the Warning Window for the FB10 Voltage Monitor.
0x1
R/W
00: 4%.
01: 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com