Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 105 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 101Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 102Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 103Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 104Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 105Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 106Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 107Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 108Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 105 of 128
Table 78. BUCK1_VOUT_SETTING, Register Address: 0x800C
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x0
R
[5:0]
BUCK1_VOUTSET
Setting the Output Voltage of BUCK1. The range is from 0.8 V to 1.4 V, and the default is 1.27 V.
0x2F
R/W
VOUT1 = 800 mV + BUCK1_VOUTSET[5:0] × 10 mV.
Table 79. BUCK1_VOUT, Register Address: 0x8010
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x0
R
[5:0]
BUCK1_VOUT_CODE
Before the SPI writes to the BUCK1_VOUT_SETTING register, the BUCK1_VOUT_CODE bits
map with the resistor on the VSET1 pin. When the SPI writes to the BUCK1_VOUT_
SETTING register, BUCK1_VOUT_CODE matches with the value of the BUCK1_VOUTSET
bits in the BUCK1_VOUT_SETTING register. Otherwise, the wrong code occurs.
0x0
R
000000: 5.62 kΩ.
000101: 7.87 kΩ.
001010: 11 kΩ.
001111: 15.4 kΩ.
010100: 21.5 kΩ.
011001: 30.1 kΩ.
011110: 42.2 kΩ.
100011: 59 kΩ.
101000: 84.5 kΩ.
101101: 115 kΩ.
101111: 162 kΩ.
110010: 232 kΩ.
110111: 316 kΩ.
111100: 475 kΩ.
Other setting: wrong code.
Table 80. BUCK4_VOUT_SETTING, Register Address: 0x8014
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
BUCK4_VOUTSET
Set the Output Voltage of BUCK4 (VOUT4).
0x2
R/W
0000: 0.55 V.
0001: 0.60 V.
0010: 0.65 V.
0011: 0.70 V.
0100: 0.75 V.
0101: 0.80 V.
0110: 0.85 V.
0111: 0.90 V.
1000: 0.95 V.
1001: 1.00 V.
1010: 1.05 V.
1011: 1.10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com