Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 111 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 111 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 107Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 108Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 109Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 110Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 111Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 112Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 113Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 114Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 111 of 128
Bits
Bit Name
Description
Reset
Access
10: 6%.
11: 8%.
[13:12]
FB7_FAULT_WINDOW
Set the Fault Window of the FB7 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[11:10]
FB6_FAULT_WINDOW
Set the Fault Window of the FB6 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[9:8]
FB5_FAULT_WINDOW
Set the Fault Window of the FB5 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[7:6]
FB4_FAULT_WINDOW
Set the Fault Window of the FB4 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[5:4]
FB3_FAULT_WINDOW
Set the Fault Window of the FB3 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[3:2]
FB2_FAULT_WINDOW
Set the Fault Window of the FB2 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.
[1:0]
FB1_FAULT_WINDOW
Set the Fault Window of the FB1 Voltage Monitor.
0x2
R/W
00: 4%.
01: 5%.
10: 6%.
11: 8%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com