Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 114 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 110Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 111Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 112Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 113Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 114Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 115Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 116Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 117Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 114 of 128
Table 94. WDI0_PULSE_CTRL, Register Address: 0x804C
Bits
Bit Name
Description
Reset
Access
[31:3]
RESERVED
Reserved.
0x0
R
2
WDI0_PULSE_UPPER_MASK
WDI0 Pulse Width Monitor Upper Threshold Fault Mask.
0x0
R/W
0: when the WDI0 pulse width is greater than the high threshold, the fault
generates.
1: when the WDI0 pulse width is greater than the high threshold, the fault does
not generate.
1
WDI0_PULSE_LOWER_MASK
WDI0 Pulse Width Monitor Lower Threshold Fault Mask.
0x0
R/W
0: when the WDI0 pulse width is less than the lower threshold, the fault
generates.
1: when the WDI0 pulse width is less than the lower threshold, the fault does
not generate.
0
WDI0_PULSE_EN
WDI0 Pulse Width Monitor Enable.
0x0
R/W
0: disable.
1: enable.
Table 95. WDI0_PULSE_HIGH, Register Address: 0x8050
Bits
Bit Name
Description
Reset
Access
[31:18]
RESERVED
Reserved.
0x0
R
[17:0]
WDI0_PULSE_HIGH
Set the WDI0 Pulse Width Monitor Upper Limitation Threshold. WDI0 slow
pulse width time (tWDI0_PULSE_SLOW) = WDI0_PULSE_HIGH × 500 ns.
0x47E
R/W
Table 96. WDI0_PULSE_LOW, Register Address: 0x8054
Bits
Bit Name
Description
Reset
Access
[31:18]
RESERVED
Reserved.
0x0
R
[17:0]
WDI0_PULSE_LOW
Set the WDI0 Pulse Width Monitor Lower Limitation Threshold. WDI0 fast
pulse width time (tWDI0_PULSE_FAST) = WDI0_PULSE_LOW × 500 ns.
0x352
R/W
Table 97. WDI0_PULSE_WIN_WIDTH, Register Address: 0x8058
Bits
Bit Name
Description
Reset
Access
[31:18]
RESERVED
Reserved.
0x0
R
[17:0]
WDI0_WIN_WIDTH
Record WDI0 Built-In Self Test (BIST) Clock Pulse Width During Self Check
Process.
0x898
R/W
Table 98. WDI1_PULSE_CTRL, Register Address: 0x805C
Bits
Bit Name
Description
Reset
Access
[31:3]
RESERVED
Reserved.
0x0
R
2
WDI1_PULSE_UPPER_MASK
WDI1 Pulse Width Monitor Upper Threshold Fault Mask.
0x0
R/W
0: when the WDI1 pulse width is greater than the high threshold, the fault
generates.
1: when the WDI1 pulse width is greater than the high threshold, the fault does
not generate.
1
WDI1_PULSE_LOWER_MASK
WDI1 Pulse Width Monitor Lower Threshold Fault Mask.
0x0
R/W
0: when the WDI1 pulse width is less than the lower threshold, the fault generates.
1: when the WDI1 pulse width is less than the lower threshold, the fault does
not generate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com