Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 118 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 114Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 115Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 116Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 117Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 118Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 119Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 120Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 121Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 118 of 128
Bits
Bit Name
Description
Reset
Access
10: 256.
11: 4096.
0
QA_WD_EN_CTRL
QA Watchdog Enable Bit.
0x1
R/W
0: disable the QA watchdog.
1: enable the QA watchdog.
Table 113. QA_WD_WINDOW, Register Address: 0x8098
Bits
Bit Name
Description
Reset
Access
[31:16]
QA_WD_FAST_WINDOW
Set the QA Watchdog Fast Window.
0x0
R/W
[15:0]
QA_WD_SLOW_WINDOW
Set the QA Watchdog Slow Window.
0x1E85
R/W
Table 114. QA_WD_CURRENT_VALUE, Register Address: 0x809C
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
QA_WD_CURRENT_VALUE
These bits contain the current value of the time counter for the QA watchdog.
0x0
R
Table 115. QA_WD_CLEAR_VALUE, Register Address: 0x80A0
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
QA_WD_CLEAR_VALUE
These bits contain the value of the time counter when a feed comes in to reset the
time counter of the QA watchdog.
0x0
R
Table 116. QA_WD_STATUS, Register Address: 0x80A4
Bits
Bit Name
Description
Reset
Access
[31:5]
RESERVED
Reserved.
0x0
R
[4:2]
QA_WD_FAULT_COUNTER
Current Number of the QA Watchdog Fault Counter.
0x0
R
1
RESERVED
Reserved.
0x0
R
0
QA_WD_SINGLE_FAIL
Bad Watchdog Feed to the QA_WD Indicator Flag.
0x0
R
0: good watchdog feed.
1: bad watchdog feed.
Table 117. QA_WD_TOKEN_SEED, Register Address: 0x80A8
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
QA_WD_TOKEN_SEED
Feed value for the linear feedback shift register that generates a 4-bit, pseudo random
number that generates the answer for the QA watchdog.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com