Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 119 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 119 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 115Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 116Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 117Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 118Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 119Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 120Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 121Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 122Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 119 of 128
Table 118. STANDBY_RAIL_ACTIVE, Register Address: 0x80AC
Bits
Bit Name
Description
Reset
Access
[31:5]
RESERVED
Reserved.
0x0
R
4
STANDBY_BOOST
Boost Activity in Standby Mode.
0x1
R/W
0: off.
1: on.
3
STANDBY_LDO7
LDO7 Activity in Standby Mode.
0x1
R/W
0: off.
1: on.
2
STANDBY_LDO1
LDO1 Activity in Standby Mode.
0x1
R/W
0: off.
1: on.
1
STANDBY_BUCK3
BUCK3 Activity in Standby Mode.
0x1
R/W
0: off.
1: on.
0
STANDBY_BUCK2
BUCK2 Activity in Standby Mode.
0x1
R/W
0: off.
1: on.
Table 119. SPI_CRC_CHECKSUM, Register Address: 0x80B0
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
SPI_CRC_CHECKSUM
SPI Write/Read CRC Checksum Result Calculated by SPI Block.
0x0
R
Table 120. SPI_CMD, Register Address: 0x80B4
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
SPI_CMD
SPI Command to Transition Between Different Modes.
0x0
R/W
0x1: enters self check mode from any mode (SPI_CMD_RST).
0x2: enters to power-down mode (SPI_CMD1).
0x4: enters standby mode (SPI_CMD2).
0x8: enters peripheral ramp-up mode (SPI_CMD3).
Table 121. VOLTAGE_BLANK_TIME0, Register Address: 0x80B8
Bits
Bit Name
Description
Reset
Access
[31:28]
RESERVED
Reserved.
0x0
R
[27:24]
VM1_BLANK_TIME
Set the Blank Time for the VM1 Voltage Monitor.
0x2
R/W
0000: 16 µs.
0001: 32 µs.
0010: 48 µs.
0011: 64 µs.
0100: 80 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com