Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 116 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 116 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 112Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 113Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 114Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 115Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 116Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 117Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 118Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 119Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 116 of 128
Table 103. WDT0_WINDOW, Register Address: 0x8070
Bits
Bit Name
Description
Reset
Access
[31:16]
WDT0_FAST_WINDOW
Set the Fast Window for WD0.
0xEA6
R/W
[15:0]
WDT0_SLOW_WINDOW
Set the Slow Window for WD0.
0x3A98
R/W
Table 104. WDT0_CLEAR_VALUE, Register Address: 0x8074
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
WDT0_CLEAR_VALUE
These bits contain the value of the time counter when a feed comes in to reset the
time counter of WD0.
0x0
R
Table 105. WDT0_STATUS, Register Address: 0x8078
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:1]
WDT0_FAULT_COUNTER
Fault Counter Number of WD0.
0x0
R
0
WDT0_SINGLE_FAIL
Bad Watchdog Feed to WD0 Indicator Flag.
0x0
R
0: good watchdog feed.
1: bad watchdog feed.
Table 106. WDT0_CURRENT_VALUE, Register Address: 0x807C
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
WDT0_CURRENT_VALUE
These bits contain the current value of the time counter for WD0.
0x0
R
Table 107. WDT1_CTRL, Register Address: 0x8080
Bits
Bit Name
Description
Reset
Access
[31:18]
RESERVED
Reserved.
0x0
R
17
WDT1_LOCK
Lock All WD1 Registers.
0x1
R/W
1: lock.
0: unlock.
[16:13]
WDT1_FAULT_THRESHOLD
Set the WD1 Fault Threshold.
0x6
R/W
[12:5]
WDT1_SPI_FEED
Software Feed WD1. Write 0x52 to feed WD1.
0x0
R/W
[4:3]
WDT1_PRE_SCALE
Set the WD1 Scale Factor.
0x1
R/W
00: 1.
01: 16.
10: 256.
11: 4096.
[2:1]
WDT1_TRIG_EDGE_SEL
Trigger Edge Configuration for WD1.
0x1
R/W
00: both edges.
01: rising edge.
10: falling edge.
11: both edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com