Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 285 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 285 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 281Page - National Semiconductor (TI) CS5535 Datasheet HTML 282Page - National Semiconductor (TI) CS5535 Datasheet HTML 283Page - National Semiconductor (TI) CS5535 Datasheet HTML 284Page - National Semiconductor (TI) CS5535 Datasheet HTML 285Page - National Semiconductor (TI) CS5535 Datasheet HTML 286Page - National Semiconductor (TI) CS5535 Datasheet HTML 287Page - National Semiconductor (TI) CS5535 Datasheet HTML 288Page - National Semiconductor (TI) CS5535 Datasheet HTML 289Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 555 page
background image
Revision 0.8
285
www.national.com
USB Register Descriptions (Continued)
5.5.4.13
Host Controller Current Done List Head ED (USBC_HcDoneHead)
5.5.4.14
Host Controller Frame Interval (USBC_HcFmInterval)
USB Memory Offset
30h
Type
HCD:
HC:
RO
R/W
Reset Value
00000000h
USBC_HcDoneHead Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
DoneHead
RSVD
USBC_HcDoneHead Bit Descriptions
Bit
Name
HCD
HC
Description
31:4
DoneHead
RO
R/W
Done Head. Pointer to the current Done List Head ED.
3:0
RSVD
RO
R/W
Reserved. Read/write 0s.
USB Memory Offset
34h
Type
HCD:
HC:
R/W
RO
Reset Value
00002EDFh
USBC_HcFmInterval Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
FSLargestDataPacket
RSVD
FrameInterval
USB_HcFmInterval Bit Descriptions
Bit
Name
HCD
HC
Description
31
FrameInterval
Toggle
R/W
RO
Frame Interval Toggle This bit is toggled by HCD when it loads
a new value into FrameInterval.
30:16
FSLargest
DataPacket
R/W
RO
FS Largest Data Packet. This field specifies a value that is
loaded into the Largest Data Packet Counter at the beginning of
each frame.
15:14
RSVD
R/W
RO
Reserved. Read/write 0s.
13:0
FrameInterval
R/W
RO
Frame Interval. This field specifies the length of a frame as (bit
times - 1). For 12,000 bit times in a frame, a value of 11,999 is
stored here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com