Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 281 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 281 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 277Page - National Semiconductor (TI) CS5535 Datasheet HTML 278Page - National Semiconductor (TI) CS5535 Datasheet HTML 279Page - National Semiconductor (TI) CS5535 Datasheet HTML 280Page - National Semiconductor (TI) CS5535 Datasheet HTML 281Page - National Semiconductor (TI) CS5535 Datasheet HTML 282Page - National Semiconductor (TI) CS5535 Datasheet HTML 283Page - National Semiconductor (TI) CS5535 Datasheet HTML 284Page - National Semiconductor (TI) CS5535 Datasheet HTML 285Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 555 page
background image
Revision 0.8
281
www.national.com
USB Register Descriptions (Continued)
USBC_HcInterruptEnable Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
USBC_HcInterruptEnable Bit Descriptions
Bit
Name
HCD
HC
Description
31
MasterInterrupt
Enable
R/W
RO
Master Interrupt Enable. This bit is a global interrupt enable. A
write of 1 allows interrupts to be enabled via the specific enable
bits listed above.
30
Ownership
ChangeEnable
R/W
RO
Ownership Change Enable.
0: Ignore.
1: Enable interrupt generation due to Ownership Change.
29:7
RSVD
R/W
RO
Reserved. Read/write 0s.
6
RootHubStatus
ChangeEnable
R/W
RO
RootHub Status Change Enable.
0: Ignore.
1: Enable interrupt generation due to Root Hub Status Change.
5
FrameNumber
OverflowEnable
R/W
RO
Frame Number Overflow Enable.
0: Ignore.
1: Enable interrupt generation due to Frame Number Overflow.
4
Unrecoverable
ErrorEnable
R/W
RO
Unrecoverable Error Enable. This event is not implemented. All
writes to this bit are ignored.
3
Resume
DetectedEnable
R/W
RO
Resume Detected Enable.
0: Ignore.
1: Enable interrupt generation due to Resume Detected.
2StartOfFrame
Enable
R/W
RO
Start Of Frame Enable.
0: Ignore.
1: Enable interrupt generation due to Start of Frame.
1
WritebackDone
HeadEnable
R/W
RO
Writeback Done Head Enable.
0: Ignore.
1: Enable interrupt generation due to Writeback Done Head.
0
Scheduling
OverrunEnable
R/W
RO
Scheduling Overrun Enable.
0: Ignore.
1: Enable interrupt generation due to Scheduling Overrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com