Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 280 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 280 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 276Page - National Semiconductor (TI) CS5535 Datasheet HTML 277Page - National Semiconductor (TI) CS5535 Datasheet HTML 278Page - National Semiconductor (TI) CS5535 Datasheet HTML 279Page - National Semiconductor (TI) CS5535 Datasheet HTML 280Page - National Semiconductor (TI) CS5535 Datasheet HTML 281Page - National Semiconductor (TI) CS5535 Datasheet HTML 282Page - National Semiconductor (TI) CS5535 Datasheet HTML 283Page - National Semiconductor (TI) CS5535 Datasheet HTML 284Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 555 page
background image
www.national.com
280
Revision 0.8
USB Register Descriptions (Continued)
5.5.4.5
Host Controller Interrupt Enable (USBC_HcInterruptEnable)
Writing a 1 to a bit in this register sets the corresponding bit, while writing a 0 leaves the bit unchanged.
USBC_HcInterruptStatus Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
USBC_HcInterruptStatus Bit Descriptions
Bit
Name
HCD
HC
Description
31
RSVD
R/W
R/W
Reserved. Read/write 0s.
30
Ownership
Change
R/W
R/W
Ownership Change. This bit is set when the OwnershipChang-
eRequest bit of HcCommandStatus is set.
29:7
RSVD
R/W
R/W
Reserved. Read/write 0s.
6
RootHubStatus
Change
R/W
R/W
Root Hub Status Change. This bit is set when the content of
HcRhStatus or the content of any HcRhPortStatus register has
changed.
5
FrameNumber
Overflow
R/W
R/W
Frame Number Overflow. Set when bit 15 of FrameNumber
changes value.
4
Unrecoverable
Error
R/W
R/W
Unrecoverable Error (Read Only). This event is not imple-
mented and is hard-coded to 0. HCD clears this bit.
3
Resume
Detected
R/W
R/W
Resume Detected. Set when HC detects resume signaling on a
downstream port.
2
StartOfFrame
R/W
R/W
Start Of Frame. Set when the Frame Management block signals
a Start of Frame event.
1
WritebackDone
Head
R/W
R/W
Writeback Done Head. Set after the HC has written HcDone-
Head.
0
Scheduling
Overrun
R/W
R/W
Scheduling Overrun. Set when the List Processor determines a
Schedule Overrun has occurred.
USB Memory Offset
10h
Type
HCD:
HC:
R/W
RO
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com