Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 277 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 277 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 273Page - National Semiconductor (TI) CS5535 Datasheet HTML 274Page - National Semiconductor (TI) CS5535 Datasheet HTML 275Page - National Semiconductor (TI) CS5535 Datasheet HTML 276Page - National Semiconductor (TI) CS5535 Datasheet HTML 277Page - National Semiconductor (TI) CS5535 Datasheet HTML 278Page - National Semiconductor (TI) CS5535 Datasheet HTML 279Page - National Semiconductor (TI) CS5535 Datasheet HTML 280Page - National Semiconductor (TI) CS5535 Datasheet HTML 281Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 555 page
background image
Revision 0.8
277
www.national.com
USB Register Descriptions (Continued)
5.5.4
Host Controller Native Registers
5.5.4.1
Host Controller Revision (USBC_HcRevision)
5.5.4.2
Host Controller Control (USBC_HcControl)
8
SIE_PIPE_DIS
SIE Pipeline Disable. When set, waits for all USB bus activity to complete prior to
returning completion status to the List Processor. Should normally be cleared to 0. This
is a fail-safe mechanism to avoid potential problems with the clk_dr transition between
1.5 MHz and 12 MHz.
7:1
RSVD
Reserved. Write 0s; reads undefined.
0BUFF_SIZE
Data Buffer Size. When set, the size of the region for the data buffer is 16 bytes. When
clear, the size is 32 bytes.
USB Memory Offset
00h
Type
HCD:
HC:
RO
RO
Reset Value
00000110h
USBC_PCI_ASIC_MODE Bit Descriptions
Bit
Reset
Description
USBC_HcRevision Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
REV
USBC_HcRevision Bit Descriptions
Bit
Name
HCD
HC
Description
31:8
RSVD
RO
RO
Reserved. Read/write 0s.
7:0
REV
RO
RO
Revision (Read Only). Indicates the Open HCI Specification
revision number implemented by the Hardware. USB supports
1.0a specification. (X.Y = XYh).
USB Memory Offset
04h
Type
HCD:
HC:
R/W
R/W
Reset Value
00000000h
USBC_HcControl Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com